Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 148 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 148 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 144Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 145Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 146Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 147Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 148Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 149Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 150Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 151Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 152Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 184 page
background image
56F8367 Technical Data, Rev. 7.0
148
Freescale Semiconductor
Preliminary
10.7 Crystal Oscillator Timing
10.8 External Memory Interface Timing
The External Memory Interface is designed to access static memory and peripheral devices. Figure 10-4
shows sample timing and parameters that are detailed in Table 10-16.
The timing of each parameter consists of both a fixed delay portion and a clock related portion, as well as
user controlled wait states. The equation:
t = D + P * (M + W)
should be used to determine the actual time of each parameter. The terms in this equation are defined as:
When using the XTAL clock input directly as the chip clock without prescaling (ZSRC selects prescaler
clock and prescaler set to ÷ 1), the EMI quadrature clock is generated using both edges of the EXTAL clock
input. In this situation only, parameter values must be adjusted for the duty cycle at XTAL. DCAOE and
DCAEO are used to make this duty cycle adjustment where needed.
Table 10-15 Crystal Oscillator Parameters
Characteristic
Symbol
Min
Typ
Max
Unit
Crystal Start-up time
TCS
45
10
ms
Resonator Start-up time
TRS
0.1
0.18
1
ms
Crystal ESR
RESR
——
120
ohms
Crystal Peak-to-Peak Jitter
TD
70
—
250
ps
Crystal Min-Max Period Variation
TPV
0.12
—
1.5
ns
Resonator Peak-to-Peak Jitter
TRJ
——
300
ps
Resonator Min-Max Period Variation
TRP
——
300
ps
Bias Current, high-drive mode
IBIASH
—250
290
µA
Bias Current, low-drive mode
IBIASL
—80
110
µA
Quiescent Current, power-down mode
IPD
—0
1
µA
t
= Parameter delay time
D
= Fixed portion of the delay, due to on-chip path delays
P
= Period of the system clock, which determines the execution rate of the part
(i.e., when the device is operating at 60MHz, P = 16.67 ns)
M
= Fixed portion of a clock period inherent in the design; this number is adjusted to account
for possible derating of clock duty cycle
W
= Sum of the applicable wait state controls. The “Wait State Controls” column of
Table 10-16 shows the applicable controls for each parameter and the EMI chapter of
the 56F8300 Peripheral User Manual details what each wait state field controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com