Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56F8367 Datasheet(PDF) 157 Page - Freescale Semiconductor, Inc

Part # 56F8367
Description  16-bit Digital Signal Controllers
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8367 Datasheet(HTML) 157 Page - Freescale Semiconductor, Inc

Back Button 56F8367 Datasheet HTML 153Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 154Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 155Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 156Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 157Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 158Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 159Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 160Page - Freescale Semiconductor, Inc 56F8367 Datasheet HTML 161Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 184 page
background image
Quad Timer Timing
56F8367 Technical Data, Rev. 7.0
Freescale Semiconductor
157
Preliminary
10.11 Quad Timer Timing
Figure 10-14 Timer Timing
10.12 Quadrature Decoder Timing
Table 10-19 Timer Timing1, 2
1. In the formulas listed, T = the clock cycle. For 60MHz operation, T = 16.67ns.
2. Parameters listed are guaranteed by design.
Characteristic
Symbol
Min
Max
Unit
See Figure
Timer input period
PIN
2T + 6
—
ns
10-14
Timer input high / low period
PINHL
1T + 3
—
ns
10-14
Timer output period
POUT
1T - 3
—
ns
10-14
Timer output high / low period
POUTHL
0.5T - 3
—
ns
10-14
Table 10-20 Quadrature Decoder Timing1, 2
1. In the formulas listed, T = the clock cycle. For 60MHz operation, T=16.67ns.
2. Parameters listed are guaranteed by design.
Characteristic
Symbol
Min
Max
Unit
See Figure
Quadrature input period
PIN
4T + 12
—
ns
10-15
Quadrature input high / low period
PHL
2T + 6
—
ns
10-15
Quadrature phase period
PPH
1T + 3
—
ns
10-15
POUT
POUTHL
POUTHL
PIN
PINHL
PINHL
Timer Inputs
Timer Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com