Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAH
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020LAH Datasheet(HTML) 6 Page - Texas Instruments

Back Button PTH12020LAH Datasheet HTML 2Page - Texas Instruments PTH12020LAH Datasheet HTML 3Page - Texas Instruments PTH12020LAH Datasheet HTML 4Page - Texas Instruments PTH12020LAH Datasheet HTML 5Page - Texas Instruments PTH12020LAH Datasheet HTML 6Page - Texas Instruments PTH12020LAH Datasheet HTML 7Page - Texas Instruments PTH12020LAH Datasheet HTML 8Page - Texas Instruments PTH12020LAH Datasheet HTML 9Page - Texas Instruments PTH12020LAH Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
www.ti.com
PTH12020W TYPICAL CHARACTERISTICS (VIN =12V)(1)(2)
50
60
70
80
90
100
0369
12
15
18
IO − Load Current − A
VO = 5 V
VO = 3.3 V
VO = 2.5 V
VO = 1.8 V
VO = 1.5 V
VO = 1.2 V
VO = 2 V
(See Note A)
50
60
70
80
90
100
0
3
6
9
12
15
18
VO = 5 V
VO = 3.3 V
VO = 2.5 V
VO = 2 V
VO = 1.8 V
VO = 1.5 V
VO = 1.2 V
IO − Load Current − A
(See Note A)
0
1
2
3
4
5
6
0
5
10
15
IO − Load Current − A
VO = 5 V
VO = 3.3 V
VO = 2.5 V
VO = 1.8 V
VO = 1.5 V
VO = 1.2 V
VO = 2 V
15
(See Note A)
20
30
40
50
60
70
80
90
0
3
6
9
12
15
18
400 LFM
200 LFM
100 LFM
Nat Conv
VO = 2.5 V
IO − Load Current − A
(See Note B)
20
30
40
50
60
70
80
90
03
6
99912
15
18
400 LFM
200 LFM
100 LFM
Nat Conv
VO = 5 V
IO − Load Current − A
(See Note B)
20
30
40
50
60
70
80
90
03
6
400 LFM
200 LFM
100 LFM
Nat Conv
VO = 1.8 V
IO − Load Current − A
912
1518
(See Note B)
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
EFFICIENCY
OUTPUT RIPPLE
POWER DISSIPATION
vs
vs
vs
LOAD CURRENT
LOAD CURRENT
LOAD CURRENT
Figure 1.
Figure 2.
Figure 3.
TEMPERATURE DERATING
TEMPERATURE DERATING
TEMPERATURE DERATING
vs
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
OUTPUT CURRENT
Figure 4.
Figure 5.
Figure 6.
(1) The electrical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
converter. Applies to Figure 1, Figure 2, and Figure 3.
(2) The temperature derating curves represent the conditions at which internal components are at or below the manufacturer's maximum
operating temperatures. Derating limits apply to modules soldered directly to a 4 inch × 4 inch double-sided PCB with 1oz. copper. For
surface mount products (AS and AZ suffix), multiple vias (plated through holes) are required to add thermal paths around the power
pins. Please refer to the mechanical specification for more information. Applies to Figure 4, Figure 5 and Figure 6.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com