Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAH
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020LAH Datasheet(HTML) 12 Page - Texas Instruments

Back Button PTH12020LAH Datasheet HTML 8Page - Texas Instruments PTH12020LAH Datasheet HTML 9Page - Texas Instruments PTH12020LAH Datasheet HTML 10Page - Texas Instruments PTH12020LAH Datasheet HTML 11Page - Texas Instruments PTH12020LAH Datasheet HTML 12Page - Texas Instruments PTH12020LAH Datasheet HTML 13Page - Texas Instruments PTH12020LAH Datasheet HTML 14Page - Texas Instruments PTH12020LAH Datasheet HTML 15Page - Texas Instruments PTH12020LAH Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
www.ti.com
PTH12020x
14
5
6
GND
GN D
10
9
8
7
GND
VO Sense
VOUT
VO Adj
RSET, 1%
VO Sense
VOUT
COUT
330 mF
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
(1) A 0.05-W rated resistor may be used. The tolerance should be 1%, with temperature stability of 100 ppm/°C(or
better). Place the resistor as close to the regulator as possible. Connect the resistor directly between pins 4 and 7
using dedicated PCB traces.
(2) Never connect capacitors from VoAdjust to either GND or Vout. Any capacitance added to the VoAdjust pin will affect
the stability of the regulator.
Figure 11. Vo Adjust Resistor Placement
Table 4. Output Voltage Set-Point Resistor Values
PTH12020W
PTH12020L
VOUT
RSET
VOUT
RSET
VOUT
RSET
1.200
Open
2.70
3.51 kΩ
0.800
Open
1.225
318.0 kΩ
2.75
3.34 kΩ
0.825
312.0 kΩ
1.250
158.0 kΩ
2.80
3.18 kΩ
0.850
152.0 kΩ
1.275
105.0 kΩ
2.85
3.03 kΩ
0.875
98.8 kΩ
1.300
78.2 kΩ
2.90
2.89 kΩ
0.900
72.1 kΩ
1.325
67.2 kΩ
2.95
2.75 kΩ
0.925
56.1 kΩ
1.350
51.5 kΩ
3.00
2.62 kΩ
0.950
45.5 kΩ
1.375
43.9 kΩ
3.05
2.50 kΩ
0.975
37.8 kΩ
1.400
38.2 kΩ
3.10
2.39 kΩ
1.000
32.1 kΩ
1.425
33.7 kΩ
3.15
2.28 kΩ
1.025
27.7 kΩ
1.450
30.2 kΩ
3.20
2.18 kΩ
1.050
24.1 kΩ
1.475
27.3 kΩ
3.25
2.08 kΩ
1.075
21.2 kΩ
1.50
24.8 kΩ
3.30
1.99 kΩ
1.100
18.8 kΩ
1.55
21.0 kΩ
3.35
1.90 kΩ
1.125
16.7 kΩ
1.60
18.2 kΩ
3.40
1.82 kΩ
1.150
15.0 kΩ
1.65
16.0 kΩ
3.50
1.66 kΩ
1.175
13.5 kΩ
1.70
14.2 kΩ
3.60
1.51 kΩ
1.200
12.1 kΩ
1.75
12.7 kΩ
3.70
1.38 kΩ
1.225
11.0 kΩ
1.80
11.5 kΩ
3.80
1.26 kΩ
1.250
9.91 kΩ
1.85
10.5 kΩ
3.90
1.14 kΩ
1.275
8.97 kΩ
1.90
9.61 kΩ
4.00
1.04 kΩ
1.300
8.13 kΩ
1.95
8.85 kΩ
4.10
939 Ω
1.325
7.37 kΩ
2.00
8.18 kΩ
4.20
847 Ω
1.350
6.68 kΩ
2.05
7.59 kΩ
4.30
761 Ω
1.375
6.04 kΩ
2.10
7.07 kΩ
4.40
680 Ω
1.400
5.46 kΩ
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com