Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAH
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020LAH Datasheet(HTML) 2 Page - Texas Instruments

  PTH12020LAH Datasheet HTML 1Page - Texas Instruments PTH12020LAH Datasheet HTML 2Page - Texas Instruments PTH12020LAH Datasheet HTML 3Page - Texas Instruments PTH12020LAH Datasheet HTML 4Page - Texas Instruments PTH12020LAH Datasheet HTML 5Page - Texas Instruments PTH12020LAH Datasheet HTML 6Page - Texas Instruments PTH12020LAH Datasheet HTML 7Page - Texas Instruments PTH12020LAH Datasheet HTML 8Page - Texas Instruments PTH12020LAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
PTH12020x
(Top View)
1
2
10 9 8
7
6
5
4
3
GND
GND
L
O
A
D
Track
Margin Down
Margin Up
VIN
Inhibit
VOUT
VO Sense
RSET
+
CIN
560 mF
(Required)
+ COUT
330 mF
(Optional)
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
STANDARD APPLICATION
ORDERING INFORMATION
PTH12020 (Base Part Number)
Output Voltage Range
Part Number (1)
DESCRIPTION
Pb – Free and RoHS
Mechanical Package
(2)
PTH12020WAH
Horizontal T/H
Yes (3)
EUK
1.2 V–5.5 V (Adjustable)
PTH12020WAS
Standard SMD
No (4)
EUL
PTH12020WAZ
Optional SMD
Yes (3)
EUL
PTH12020LAH
Horizontal T/H
Yes (3)
EUK
0.8 V–1.8 V (Adjustable)
PTH12020LAS
Standard SMD
No (4)
EUL
PTH12020LAZ
Optional SMD
Yes (3)
EUL
(1) Add T to end of part number for tape and reel on SMD packages only.
(2) Reference the applicable package reference drawing for the dimensions and PC board layout.
(3) Lead (Pb) – free option specifies Sn/Ag pin solder material.
(4) Standard option specifies 63/37, Sn/Pb pin solder material.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com