Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAH
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020LAH Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH12020LAH Datasheet HTML 7Page - Texas Instruments PTH12020LAH Datasheet HTML 8Page - Texas Instruments PTH12020LAH Datasheet HTML 9Page - Texas Instruments PTH12020LAH Datasheet HTML 10Page - Texas Instruments PTH12020LAH Datasheet HTML 11Page - Texas Instruments PTH12020LAH Datasheet HTML 12Page - Texas Instruments PTH12020LAH Datasheet HTML 13Page - Texas Instruments PTH12020LAH Datasheet HTML 14Page - Texas Instruments PTH12020LAH Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.ti.com
Designing for Very Fast Load Transients
Adjusting the Output Voltage of the PTH12020x Series of Wide-Output Adjust Power Modules
Rset + 10 kW
0.8 V
Vout * Vmin
* Rs kW
(1)
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
The transient response of the DC/DC converter has been characterized using a load transient with a di/dt of
1 A/µs. The typical voltage deviation for this load transient is given in the data sheet specification table using the
optional value of output capacitance. As the di/dt of a transient is increased, the response of a converter's
regulation circuit ultimately depends on its output capacitor decoupling network. This is an inherent limitation with
any DC/DC converter once the speed of the transient exceeds its bandwidth capability. If the target application
specifies a higher di/dt or lower voltage deviation, the requirement can only be met with additional output
capacitor decoupling. In these cases special attention must be paid to the type, value and ESR of the capacitors
selected.
If the transient performance requirements exceed that specified in the data sheet, or the total amount of load
capacitance is above 3000 µF, the selection of output capacitors becomes more important.
The VoAdjust control (pin 4) sets the output voltage of the PTH12020 product. The adjustment range is from
1.2 V to 5.5 V for the W-suffix modules, and 0.8 V to 1.8 V for L-suffix modules. The adjustment method requires
the addition of a single external resistor, Rset, that must be connected directly between the VoAdjust and GND
pins 1. Table 2 gives the preferred value of the external resistor for a number of standard voltages, along with
the actual output voltage that this resistance value provides. Figure 11 shows the placement of the required
resistor.
Table 2. Preferred Values of Rset for Standard Output Voltages
PTH12020W
PTH12020L
Vout
Vout
Vout
Rset
Rset
(Req'd)
(Actual)
(Actual)
5 V
280 Ω
5.009 V
N/A
N/A
3.3 V
2.0 kΩ
3.294 V
N/A
N/A
2.5 V
4.32 kΩ
2.503 V
N/A
N/A
2 V
8.06 kΩ
2.010 V
N/A
N/A
1.8 V
11.5 kΩ
1.801 V
130 Ω
1.800 V
1.5 V
24.3 kΩ
1.506 V
3.57 kΩ
1.499 V
1.2 V
Open
1.200 V
12.1 kΩ
1.201 V
1.1 V
N/A
N/A
18.7 kΩ
1.101 V
1.0 V
N/A
N/A
32.4 kΩ
0.999 V
0.9 V
N/A
N/A
71.5 kΩ
0.901 V
0.8 V
N/A
N/A
Open
0.800 V
For other output voltages the value of the required resistor can either be calculated, or simply selected from the
range of values given in Table 4. The equation below may be used for calculating the adjust resistor value.
Select the appropriate value for the parameters, Rs and Vmin, from Table 3.
Table 3. Adjust Formula Parameters
Pt. No.
PTH12020W
PTH12020L
Vmin
1.2 V
0.8 V
Vmax
5.5 V
1.8 V
Rs
1.82 kΩ
7.87 kΩ
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com