Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAH
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020LAH Datasheet(HTML) 21 Page - Texas Instruments

Back Button PTH12020LAH Datasheet HTML 17Page - Texas Instruments PTH12020LAH Datasheet HTML 18Page - Texas Instruments PTH12020LAH Datasheet HTML 19Page - Texas Instruments PTH12020LAH Datasheet HTML 20Page - Texas Instruments PTH12020LAH Datasheet HTML 21Page - Texas Instruments PTH12020LAH Datasheet HTML 22Page - Texas Instruments PTH12020LAH Datasheet HTML 23Page - Texas Instruments PTH12020LAH Datasheet HTML 24Page - Texas Instruments PTH12020LAH Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
www.ti.com
Demonstration Circuit
Vo (1 V/Div)
1
Vo (1 V/Div)
2
Io (5 A/Div)
2
HORIZ SCALE: 10 ms/Div
Vin (5 V/Div)
Vo (1 V/Div)
HORIZ SCALE 5 ms/Div
Startup
Period
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
Figure 21 shows the startup waveforms for the demonstration circuit shown in Figure 22. The initial rise in Vo2 is
the pre-bias voltage, which is passed from the VCCIO to the VCORE voltage rail through the ASIC. Note that the
output current from the PTH12010L module (Io2) is negligible until its output voltage rises above the applied
pre-bias.
Figure 20. PTH12020W Startup
Figure 21. Pre-Bias Startup Waveforms
NOTES:
1. Output pre-bias holdoff is an inherent feature to all PTH120x0L and PTV120x0W/L modules. It has now been
incorporated into all modules (including W-suffix modules with part numbers of the form PTH120x0W), with a
production lot date code of 0423 or later.
2. The pre-bias start-up feature is not compatible with Auto-Track. If the rise in the output is limited by the
voltage applied to the Track control pin, the output will sink current during the period that the track control
voltage is below that of the back-feeding source. For this reason, it is recommended that Auto-Track be
disabled when not being used. This is accomplished by connecting the Track pin to the input voltage, Vin.
This raises the Track pin voltage well above the set-point voltage prior to the module’s start up, thereby
defeating the Auto-Track feature.
3. To further ensure that the regulator's output does not sink current when power is first applied (even with a
ground signal applied to the Inhibit control pin), the input voltage must always be greater than the applied
pre-bias source. This condition must exist throughout the power-up sequence of the power system.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com