Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAH
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020LAH Datasheet(HTML) 22 Page - Texas Instruments

Back Button PTH12020LAH Datasheet HTML 18Page - Texas Instruments PTH12020LAH Datasheet HTML 19Page - Texas Instruments PTH12020LAH Datasheet HTML 20Page - Texas Instruments PTH12020LAH Datasheet HTML 21Page - Texas Instruments PTH12020LAH Datasheet HTML 22Page - Texas Instruments PTH12020LAH Datasheet HTML 23Page - Texas Instruments PTH12020LAH Datasheet HTML 24Page - Texas Instruments PTH12020LAH Datasheet HTML 25Page - Texas Instruments PTH12020LAH Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
www.ti.com
Vo2 =1.8 V
V IN=12 V
ASIC
VCORE
VCCI O
Io2
PTH12010L
1
10
4
5
6
2
3
98
Tra ck
GND
Inhibit
7
Vadj
Sense
+
Vo1= 3.3 V
C2
330 mF
+
C1
330 mF
+
PTH12020W
7
10
4
5
6
2
3
98
Tra ck
GND
Inhibit
1
Up
Dn
Adjust
C3
330 mF
+
TL7702B
VCC
GND
SENSE
REF
CT
RESET
RESET
8
7
2
1
3
5
6
4
C6
0.68 mF
C4
330 mF
+
R3
R4
C 5
0.1 mF
R5
Sense
VO
VIN
R1
2 kW
VO
VIN
R2
130 W
RESIN
11 kW
100 kW
10 kW
Remote Sense
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
Figure 22. Application Circuit Demonstrating Pre-Bias Startup
Products with this feature incorporate an output voltage sense pin, Vo Sense. A remote sense improves the load
regulation performance of the module by allowing it to compensate for any IR voltage drop between its output
and the load. An IR drop is caused by the high output current flowing through the small amount of pin and trace
resistance.
To use this feature simply connect the Vo Sense pin to the Vout node, close to the load circuit (see data sheet
standard application). If a sense pin is left open-circuit, an internal low-value resistor (15-Ω or less) connected
between the pin and and the output node, ensures the output remains in regulation.
With the sense pin connected, the difference between the voltage measured directly between the Vout and GND
pins, and that measured from Vo Sense to GND, is the amount of IR drop being compensated by the regulator.
This should be limited to a maximum of 0.3 V.
Note: The remote sense feature is not designed to compensate for the forward drop of non-linear or
frequency dependent components that may be placed in series with the converter output. Examples include
OR-ing diodes, filter inductors, ferrite beads, and fuses. When these components are enclosed by the remote
sense connection they are effectively placed inside the regulation control loop, which can adversely affect the
stability of the regulator.
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com