Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAH
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020LAH Datasheet(HTML) 19 Page - Texas Instruments

Back Button PTH12020LAH Datasheet HTML 15Page - Texas Instruments PTH12020LAH Datasheet HTML 16Page - Texas Instruments PTH12020LAH Datasheet HTML 17Page - Texas Instruments PTH12020LAH Datasheet HTML 18Page - Texas Instruments PTH12020LAH Datasheet HTML 19Page - Texas Instruments PTH12020LAH Datasheet HTML 20Page - Texas Instruments PTH12020LAH Datasheet HTML 21Page - Texas Instruments PTH12020LAH Datasheet HTML 22Page - Texas Instruments PTH12020LAH Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
www.ti.com
Up/Down Adjust Resistance Calculation
RU or RD +
499
D% *
99.8 kW
(2)
Cout
+
Cin
VIN
GND
MargDn
Q2
+VOUT
Q1
+
MargUp
RD
RU
PT H12010W
( T op V iew)
1
2
10
9
8
7
6
5
4
3
GND
RSET
0.1 W, 1 %
+VO
0 V
L
O
A
D
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
The 5% adjustment is made by pulling the appropriate margin control input directly to the GND terminal2.A
low-leakage open-drain device, such as an n-channel MOSFET or p-channel JFET is recommended for this
purpose3. Adjustments of less than 5% can also be accommodated by adding series resistors to the control
inputs. The value of the resistor can be selected from Table 6, or calculated using the formula in Equation 2.
NOTES:
1. The Margin Up and Margin Dn controls were not intended to be activated simultaneously. If they are their
affects on the output voltage may not completely cancel, resulting in the possibility of a slightly higher error in
the output voltage set point.
2. The ground reference should be a direct connection to the module GND at pin 7 (pin 1 for the PTHxx050).
This will produce a more accurate adjustment at the load circuit terminals. The transistors Q1 and Q2 should
be located close to the regulator.
3. The Margin Up and Margin Dn control inputs are not compatible with devices that source voltage. This
includes TTL logic. These are analog inputs and should only be controlled with a true open-drain device
(preferably a discrete MOSFET transistor). The device selected should have low off-state leakage current.
Each input sources 8 µA when grounded, and has an open-circuit voltage of 0.8 V.
To reduce the margin adjustment to a value less than 5%, series resistors are required (See RD and RU in
Figure 19). For the same amount of adjustment, the resistor value calculated for RU and RD will be the same.
The formula is shown in Equation 2.
Where ∆% = The desired amount of margin adjust in percent.
Table 6. Margin Up/Down Resistor Values
% Adjust
RU/RD
50.0 kΩ
4
24.9 kΩ
3
66.5 kΩ
2
150.0 kΩ
1
397.0 kΩ
Figure 19. Margin Up/Down Application Schematic
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com