Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAH
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020LAH Datasheet(HTML) 15 Page - Texas Instruments

Back Button PTH12020LAH Datasheet HTML 11Page - Texas Instruments PTH12020LAH Datasheet HTML 12Page - Texas Instruments PTH12020LAH Datasheet HTML 13Page - Texas Instruments PTH12020LAH Datasheet HTML 14Page - Texas Instruments PTH12020LAH Datasheet HTML 15Page - Texas Instruments PTH12020LAH Datasheet HTML 16Page - Texas Instruments PTH12020LAH Datasheet HTML 17Page - Texas Instruments PTH12020LAH Datasheet HTML 18Page - Texas Instruments PTH12020LAH Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
www.ti.com
Over-Current Protection
Over-Temperature Protection (OTP)
Output On/Off Inhibit
PTH12060W
1
10
4
5
6
2
3
1 =Inhibit
GND
9
8
7
VOSense
VOUT
L
O
A
D
GND
VIN
COUT
330 mF
RSET
2 kW
1%
0.1 W
Q1
BSS138
CIN
560 mF
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
For protection against load faults, all modules incorporate output over-current protection. Applying a load that
exceeds the regulator's over-current threshold will cause the regulated output to shut down. Following shutdown
a module will periodically attempt to recover by initiating a soft-start power-up. This is described as a hiccup
mode of operation, whereby the module continues in a cycle of successive shutdown and power up until the load
fault is removed. During this period, the average current flowing into the fault is significantly reduced. Once the
fault is removed, the module automatically recovers and returns to normal operation.
The PTH12020W and PTH12030W products have overtemperature protection. These products have an on-board
temperature sensor that protects the module's internal circuitry against excessively high temperatures. A rise in
the internal temperature may be the result of a drop in airflow, or a high ambient temperature. If the internal
temperature exceeds the OTP threshold, the module's Inhibit control is internally pulled low. This turns the output
off. The output voltage will drop as the external output capacitors are discharged by the load circuit. The recovery
is automatic, and begins with a soft-start power up. It occurs when the the sensed temperature decreases by
about 10°C below the trip point.
Note: The over-temperature protection is a last resort mechanism to prevent thermal stress to the regulator.
Operation at or close to the thermal shutdown temperature is not recommended and will reduce the
long-term reliability of the module. Always operate the regulator within the specified Safe Operating Area
(SOA) limits for the worst-case conditions of ambient temperature and airflow.
For applications requiring output voltage on/off control, each series of the PTH family incorporates an output
Inhibit control pin. The inhibit feature can be used wherever there is a requirement for the output voltage from the
regulator to be turned off.
The power modules function normally when the Inhibit pin is left open-circuit, providing a regulated output
whenever a valid source voltage is connected to VI with respect to GND.
Figure 14 shows the typical application of the inhibit function. Note the discrete transistor (Q1). The Inhibit input
has its own internal pull-up to a potential of 5 V to 13.2 V (see footnotes to specification table). The input is not
compatible with TTL logic devices. An open-collector (or open-drain) discrete transistor is recommended for
control.
Figure 14. Inhibit Control Circuit
Turning Q1 on applies a low voltage to the Inhibit control pin and disables the output of the module. If Q1 is then
turned off, the module will execute a soft-start power-up sequence. A regulated output voltage is produced within
25 msec. Figure 15 shows the typical rise in both the output voltage and input current, following the turn-off of
Q1.The turn offofQ1 corresponds to the rise in the waveform, Q1 Vds. The waveforms were measured with a 5-A
constant current load.
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com