Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAH
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020LAH Datasheet(HTML) 14 Page - Texas Instruments

Back Button PTH12020LAH Datasheet HTML 10Page - Texas Instruments PTH12020LAH Datasheet HTML 11Page - Texas Instruments PTH12020LAH Datasheet HTML 12Page - Texas Instruments PTH12020LAH Datasheet HTML 13Page - Texas Instruments PTH12020LAH Datasheet HTML 14Page - Texas Instruments PTH12020LAH Datasheet HTML 15Page - Texas Instruments PTH12020LAH Datasheet HTML 16Page - Texas Instruments PTH12020LAH Datasheet HTML 17Page - Texas Instruments PTH12020LAH Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
www.ti.com
Soft-Start Power UP
12 V
CIN
1,000 mF
COUT
330 mF
GND
GND
3.3 V
RSET
, 2 kW
0.1 W, 1 %
PTH12020W
7
10
4
5
6
2
3
9
Track
GND
Inhibit
1
Adjust
8
Up Dn
Sense
VO
VIN
Vin (5 V/Div)
Vo (1 V/Div)
Iin (5 A/Div)
HORIZ SCALE 5 ms/Div
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
For simple point-of-use applications, the PTH12050 (6 A) provides operating features such as an on/off inhibit,
output voltage trim, pre-bias start-up and over-current protection. The PTH12060 (10 A), and PTH12010 (12 A)
include an output voltage sense, and margin up/down controls. Then the higher output current, PTH12020 (18 A)
and PTH12030 (26 A) products incorporate overtemperature shutdown protection.
The PTV12010 and PTV12020 are similar parts offered in a vertical, single in-line pin (SIP) profile, at slightly
lower current ratings.
All of the products referenced in Table 5 include Auto- Track™. This feature was specifically designed to simplify
the task of sequencing the supply voltages in a power system. This and other features are described in the
following sections.
The Auto-Track feature allows the power-up of multiple PTH modules to be directly controlled from the Track pin.
However in a stand-alone configuration, or when the Auto-Track feature is not being used, the Track pin should
be directly connected to the input voltage, Vin (see Figure 12).
Figure 12. Power-Up Application Circuit
When the Track pin is connected to the input voltage the Auto-Track function is permanently disengaged. This
allows the module to power up entirely under the control of its internal soft-start circuitry. When power up is
under soft-start control, the output voltage rises to the set-point at a quicker and more linear rate.
Figure 13. Power-Up Waveforms
From the moment a valid input voltage is applied, the soft-start control introduces a short time delay
(typically 8 ms–15 ms) before allowing the output voltage to rise. The output then progressively rises to the
module’s setpoint voltage. Figure 13 shows the soft-start power-up characteristic of the 18-A output product
(PTH12020W), operating from a 12-V input bus and configured for a 3.3-V output. The waveforms were
measured with a 5-A resistive load and the Auto-Track feature disabled. The initial rise in input current when the
input voltage first starts to rise is the charge current drawn by the input capacitors. Power-up is complete within
25 ms.
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com