Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAH
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020LAH Datasheet(HTML) 20 Page - Texas Instruments

Back Button PTH12020LAH Datasheet HTML 16Page - Texas Instruments PTH12020LAH Datasheet HTML 17Page - Texas Instruments PTH12020LAH Datasheet HTML 18Page - Texas Instruments PTH12020LAH Datasheet HTML 19Page - Texas Instruments PTH12020LAH Datasheet HTML 20Page - Texas Instruments PTH12020LAH Datasheet HTML 21Page - Texas Instruments PTH12020LAH Datasheet HTML 22Page - Texas Instruments PTH12020LAH Datasheet HTML 23Page - Texas Instruments PTH12020LAH Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
www.ti.com
Pre-Bias Startup Capability
Conditions for Pre-Bias Holdoff
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
The capability to start up into an output pre-bias condition is now available to all the 12-V input, PTH series of
power modules. (Note that this is a feature enhancement for the many of the W-suffix products)1.
A pre-bias startup condition occurs as a result of an external voltage being present at the output of a power
module prior to its output becoming active. This often occurs in complex digital systems when current from
another power source is backfed through a dual-supply logic component, such as an FPGA or ASIC. Another
path might be via clamp diodes, sometimes used as part of a dual-supply power-up sequencing arrangement. A
prebias can cause problems with power modules that incorporate synchronous rectifiers. This is because under
most operating conditions, such modules can sink as well as source output current. The 12-V input PTH modules
all incorporate synchronous rectifiers, but will not sink current during startup, or whenever the Inhibit pin is held
low. Startup includes an initial delay (approximately 8–15 ms), followed by the rise of the output voltage under
the control of the module's internal soft-start mechanism; see Figure 20.
In order for the module to allow an output pre-bias voltage to exist (and not sink current), certain conditions must
be maintained. The module holds off a pre-bias voltage when the Inhibit pin is held low, and whenver the output
is allowed to rise under soft-start control. Power up under soft-start control occurs upon the removal of the
ground signal to the Inhibit pin (with input voltage applied), or when input power is applied with Auto-Track
disabled2. To further ensure that the regulator does not sink output current, (even with a ground signal applied to
its Inhibit), the input voltage must always be greater than the applied pre-bias source. This condition must exist
throughout the power-up sequence3.
The soft-start period is complete when the output begins rising above the pre-bias voltage. Once it is complete
the module functions as normal, and will sink current if a voltage higher than the nominal regulation value is
applied to its output.
Note: If a pre-bias condition is not present, the soft-start period will be complete when the output voltage has
risen to either the set-point voltage, or the voltage applied at the module's Track control pin, whichever is
lowest. to its output.
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com