Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAH
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020LAH Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH12020LAH Datasheet HTML 5Page - Texas Instruments PTH12020LAH Datasheet HTML 6Page - Texas Instruments PTH12020LAH Datasheet HTML 7Page - Texas Instruments PTH12020LAH Datasheet HTML 8Page - Texas Instruments PTH12020LAH Datasheet HTML 9Page - Texas Instruments PTH12020LAH Datasheet HTML 10Page - Texas Instruments PTH12020LAH Datasheet HTML 11Page - Texas Instruments PTH12020LAH Datasheet HTML 12Page - Texas Instruments PTH12020LAH Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.ti.com
APPLICATION INFORMATION
Capacitor Recommendations for the PTH12020 Series of Power Modules
Input Capacitor
Output Capacitors (Optional)
Ceramic Capacitor
Tantalum Capacitors
Capacitor Table
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
The recommended input capacitance is determined by the 560 µF minimum capacitance and 800 mArms
minimum ripple current rating.
Ripple current, less than 100 mΩ equivalent series resistance (ESR), and temperature are major considerations
when selecting input capacitors. Unlike polymer-tantalum capacitors, regular tantalum capacitors are not
recommended for the input bus. These capacitors require a recommended minimum voltage rating of
2 × ~ (maximum DC voltage + AC ripple). This is standard practice to ensure reliability. There were no tantalum
capacitors, with sufficient voltage rating, found to meet this requirement. When the operating temperature is
below 0°C, the ESR of aluminum electrolytic capacitors increases. For these applications Os-Con,
polymer-tantalum, and polymer-aluminum types should be considered.
Adding a 10-µF ceramic capacitor to the input will reduce the ripple current reflected into the input source.
For applications with load transients, the regulator response will benefit from external output capacitance. The
recommended output capacitance of 330 µF will allow the module to meet its transient response specification
(see product data sheet). For most applications, a high quality computer-grade aluminum electrolytic capacitor is
adequate. These capacitors provide decoupling over the frequency range, 2 kHz to 150 kHz, and are suitable
when ambient temperatures are above 0°C. For operation below 0°C, tantalum, ceramic, or Os-Con type
capacitors are recommended. When using one or more non-ceramic capacitors, the calculated equivalent ESR
should be no lower than 4 mΩ (7 mΩ using the manufacturer's maximum ESR for a single capacitor). A list of
preferred low-ESR type capacitors are identified in Table 1.
Above 150 kHz the performance of aluminum electrolytic capacitors is less effective. Multilayer ceramic
capacitors have very low ESR and a resonant frequency higher than the bandwidth of the regulator. They can be
used to reduce the reflected ripple current at the input as well as improve the transient response of the output.
When used on the output their combined ESR is not critical as long as the total value of ceramic capacitance
does not exceed 300 µF. Also, to prevent the formation of local resonances, do not place more than five identical
ceramic capacitors in parallel with values of 10 µF or greater.
Tantalum type capacitors can only be used on the output bus, and are recommended for applications where the
ambient operating temperature can be less than 0°C. The AVX TPS, Sprague 593D/594/595 and Kemet
T495/T510 capacitor series are suggested over many other tantalum types due to their higher rated surge, power
dissipation, and ripple current capability. As a caution many general purpose tantalum capacitors have
considerably higher ESR, reduced power dissipation and lower ripple current capability. These capacitors are
also less reliable as they have reduced power dissipation and surge current ratings. Tantalum capacitors that
have no stated ESR or surge current rating are not recommended for power applications.
When specifying Os-con and polymer tantalum capacitors for the output, the minimum ESR limit will be
encountered well before the maximum capacitance value is reached.
Table 1 identifies the characteristics of capacitors from a number of vendors with acceptable ESR and ripple
current (rms) ratings. The recommended number of capacitors required at both the input and output buses is
identified for each capacitor type.
This is not an extensive capacitor list. Capacitors from other vendors are available with comparable
specifications. Those listed are for guidance. The RMS ripple current rating and ESR (at 100 kHz) are critical
parameters necessary to insure both optimum regulator performance and long capacitor life.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com