Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12020LAH Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12020LAH
Description  18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH12020LAH Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTH12020LAH Datasheet HTML 6Page - Texas Instruments PTH12020LAH Datasheet HTML 7Page - Texas Instruments PTH12020LAH Datasheet HTML 8Page - Texas Instruments PTH12020LAH Datasheet HTML 9Page - Texas Instruments PTH12020LAH Datasheet HTML 10Page - Texas Instruments PTH12020LAH Datasheet HTML 11Page - Texas Instruments PTH12020LAH Datasheet HTML 12Page - Texas Instruments PTH12020LAH Datasheet HTML 13Page - Texas Instruments PTH12020LAH Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
www.ti.com
PTH12020W/L
SLTS208E–MAY 2003–REVISED OCTOBER 2005
APPLICATION INFORMATION (continued)
Table 1. Input/Output Capacitors(1)
Capacitor Characteristics
Quantity
CapacitorVendor,
Vendor
Max Ripple
Optional
Working
Value
Max ESR
Physical Size
Input
Type/Series (Style)
Part Number
Current at
Output
Voltage
(µF)
at 100 kHz
(mm)
Bus
85°C (Irms)
Bus
Panasonic, Aluminum
25 V
330
0.090 Ω
775 mA
10×12.5
2
1
EEUFC1E331
FC (Radial)
25 V
560
0.065 Ω
1205 mA
12.5×15
1
1
EEUFC1E561S
FK (SMD)
25 V
1,000
0.060 Ω
1100 mA
12.5×13.5
1
1
EEVFK1E102Q
FK (SMD)
35 V
680
0.060 Ω
1100 mA
12.5×13.5
1
1
EEVFK1V681Q
United Chemi-Con
LXZ, Aluminum (Radial)
16
330
0.090 Ω
760 mA
10×12.5
2
1
LXZ25VB331M10X12LL
LXZ, Aluminum (Radial)
25
680
0.068 Ω
1050 mA
10×16
1
1
LXZ16VB681M10X16LL
PS, Poly-Aluminum (Radial)
16
330
0.014 Ω
5060 mA
10×12.5
2
≤2
16PS330MJ12
PXA, Poly-Aluminum (SMD)
16
330
0.014 Ω
5050 mA
10×12.2
2
≤2
PXA16VC331MJ12TP
Nichicon, Aluminum (PM)
25 V
560
0.060 Ω
1060 mA
12.5×15
1
1
UPM1E561MHH6
HD (Radial)
16 V
680
0.038 Ω
1430 mA
10×16
1
1
UHD1C681MHR
PM (Radial)
35 V
560
0.048 Ω
1360 mA
16×15
1
1
UPM1V561MHH6
Panasonic, Poly-Aluminum
S/SE (SMD)
6.3 V
180
0.005 Ω
4000 mA
7.3×4.3×4.2
N/R(2)
≤1
EEFSE0J181R (Vo≤5.1V)
Samyo
TP, Psocap
10 V
330
0.025 Ω
3000 mA
7.3L×5.7W
N/R(2)
≤4
10TPE330M
SEQP, Os-Con
16 V
330
0.018 Ω
>3500 mA
10×10.5
2(3)
≤3
16SP270M
SVP, Os-Con (SMD)
16 V
330
0.016 Ω
4700 mA
11×12
2
≤3
16SVP330M
AVX, Tantalum, Series III
10 V
470
0.045 Ω
>1723 mA
N/R(2)
≤5
TPSE477M010R0045 (Vo≤5.1V)
7.3L×5.7W×4.1H
TPS (SMD)
10 V
330
0.045 Ω
>1723 mA
N/R(2)
≤5
TPSE337M010R0045 (Vo≤5.1V)
Kemet (SMD)
T520, Poly-Tant
10 V
330
0.040 Ω
1800 mA
N/R(2)
≤5
T520X337M010AS
43W ×7.3L
T530, Poly-Tant/Organic
10 V
330
0.010 Ω
>3800 mA
N/R(2)
≤1
T530X337M010ASE010
×4.0H
6.3 V
470
0.010 Ω
4200 mA
N/R(2)
≤1
T530X477M006ASE010(Vo≤5.1V)
Vishay-Sprague
595D, Tantalum (SMD)
10 V
470
0.100 Ω
1440 mA
7.2L×6W×4.1H
N/R(2)
≤5
595D477X0010R2T(Vo≤5.1V)
94SA, Os-con (Radial)
16 V
1,000
0.015 Ω
9740 mA
16×25
2
≤2
94SA108X0016HBP
94SVP
16V
330
0.017Ω
4580 mA
10 × 12,7
2
≤2
94SVP337X0016F12
Kemet, Ceramic X5R (SMD)
16 V
10
0.002 Ω
—
1210 case
1(4)
≤5
C1210C106M4PAC
6.3 V
47
0.002 Ω
3225 mm
N/R(2)
≤5
C1210C476K9PAC
Murata, Ceramic X5R (SMD)
6.3 V
100
0.002 Ω
—
1210 case
N/R(2)
≤3
GRM32ER60J107M
16 V
47
3225 mm
1(4)
≤5
GRM32ER61C476K
16 V
22
1(4)
≤5
GRM32ER61C226K
16 V
10
1(4)
≤5
GRM32DR61C106K
TDK, Ceramic X5R (SMD)
6.3 V
100
0.002 Ω
—
1210 case
N/R(2)
≤3
C3225X5R0J107MT
6.3 V
47
3225 mm
N/R(2)
≤5
C3225X5R0J476MT
16 V
22
1(4)
≤5
C3225X5R1C226MT
16 V
10
1(4)
≤5
C3225X5R1C106MT
(1) Capacitor Supplier Verification
1.Please verify availability of capacitors identified in this table. Capacitor suppliers may recommend alternative part numbers because of
limited availability or obsolete products. In some instances, the capacitor product life cycle may be in decline and have short-term
consideration for obsolescence.
RoHS, Lead-free and Material Details
2.Please consult capacitor suppliers regarding material composition, RoHS status, lead-free status, and manufacturing process
requirements. Component designators or part number deviations can occur when material composition or soldering requirements are
updated.
(2) N/R – Not recommended. The voltage rating does not meet the minimum operating limits.
(3) Total capacitance of 540 µF is acceptable based on the combined ripple current rating.
(4) Ceramic capacitors may be used to complement electrolytic types at the input to further reduce high-frequency ripple current.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com