Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 195 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 195 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 191Page - STMicroelectronics STM32MP151D Datasheet HTML 192Page - STMicroelectronics STM32MP151D Datasheet HTML 193Page - STMicroelectronics STM32MP151D Datasheet HTML 194Page - STMicroelectronics STM32MP151D Datasheet HTML 195Page - STMicroelectronics STM32MP151D Datasheet HTML 196Page - STMicroelectronics STM32MP151D Datasheet HTML 197Page - STMicroelectronics STM32MP151D Datasheet HTML 198Page - STMicroelectronics STM32MP151D Datasheet HTML 199Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 253 page
background image
DS12500 Rev 3
195/253
STM32MP151A/D
Electrical characteristics
232
8. ADC clock frequency ≤36 MHz, 2 V ≤ VDDA ≤ 3.3 V, 1.6 V ≤ VREF+ ≤ VDDA, BOOSTEN (for I/O) = 1.
9. VDDA = VREF+ = 3.3 V, 25 °C.
10. ET, ED, EL are specified for [2 V ≤ VDDA ≤ 3.3 V with 2 V ≤ VREF+ ≤ VDDA] and [1.6V ≤ VDDA ≤ 2 V with 1.6V ≤ VREF+ ≤
VDDA].
11. ENOB, SINAD, SNR and THD are specified for VDDA = VREF+ = 3.3 V.
Table 77. Minimum delay for interleaved conversion versus resolution
16-bit Mode
14-bit mode
12-bit Mode
Boost Fclk (MHz)
Delay
ADC1/ADC2
(clock cycles)
Data rate
(MSPS)
Delay
ADC1/ADC2
(clock cycles)
Data rate
(MSPS)
Delay
ADC1/ADC2
(clock cycles)
Data rate
(MSPS)
0
1
1.5
1.0
1.5
1.0
1.5
1.0
0
2
1.5
2.0
1.5
2.0
1.5
2.0
0
3
1.5
1.5
1.5
1.5
1.5
1.5
0
4
1.5
2.0
1.5
2.0
1.5
2.0
0
5
1.5
1.7
1.5
1.7
1.5
2.5
0
6
1.5
2.0
1.5
2.0
1.5
2.0
0
7
2.5
1.8
1.5
2.3
1.5
2.3
0
8
2.5
2.0
2.5
2.0
1.5
2.7
0
9
3.5
1.8
2.5
2.3
2.5
2.3
0
10
3.5
2.0
3.5
2.0
2.5
2.5
0
11
4.5
1.8
3.5
2.2
2.5
2.8
0
12
4.5
2.0
4.5
2.0
3.5
2.4
0
13
4.5
2.2
4.5
2.2
3.5
2.6
0
14
4.5
2.3
4.5
2.3
3.5
2.8
0
15
5.5
2.1
4.5
2.5
3.5
3.0
0
16
5.5
2.3
4.5
2.7
3.5
3.2
0
17
5.5
2.4
4.5
2.8
3.5
3.4
0
18
5.5
2.6
4.5
3.0
3.5
3.6
0
19
5.5
2.7
4.5
3.2
3.5
3.8
0
20
5.5
2.9
4.5
3.3
3.5
4.0
1
21
4.5
3.5
3.5
4.2
3.5
4.2
1
22
4.5
3.7
3.5
4.4
3.5
4.4
1
23
4.5
3.8
3.5
4.6
3.5
4.6
1
24
4.5
4.0
4.5
4.0
3.5
4.8
1
25
4.5
4.2
4.5
4.2
3.5
5.0
1
26
4.5
4.3
4.5
4.3
3.5
5.2
1
27
5.5
3.9
4.5
4.5
3.5
5.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com