Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP151D Datasheet(PDF) 196 Page - STMicroelectronics

Part # STM32MP151D
Description  Arm® Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151D Datasheet(HTML) 196 Page - STMicroelectronics

Back Button STM32MP151D Datasheet HTML 192Page - STMicroelectronics STM32MP151D Datasheet HTML 193Page - STMicroelectronics STM32MP151D Datasheet HTML 194Page - STMicroelectronics STM32MP151D Datasheet HTML 195Page - STMicroelectronics STM32MP151D Datasheet HTML 196Page - STMicroelectronics STM32MP151D Datasheet HTML 197Page - STMicroelectronics STM32MP151D Datasheet HTML 198Page - STMicroelectronics STM32MP151D Datasheet HTML 199Page - STMicroelectronics STM32MP151D Datasheet HTML 200Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 253 page
background image
Electrical characteristics
STM32MP151A/D
196/253
DS12500 Rev 3
Note:
ADC accuracy vs. negative injection current: injecting a negative current on any analog
input pins should be avoided as this significantly reduces the accuracy of the conversion
being performed on another analog input. It is recommended to add a Schottky diode (pin to
ground) to analog pins which may potentially inject negative currents.
Any positive injection current within the limits specified for IINJ(PIN) and ∑IINJ(PIN) in
Section 6.2 does not affect the ADC accuracy.
1
28
5.5
4.0
4.5
4.7
3.5
5.6
1
29
5.5
4.1
4.5
4.8
3.5
5.8
1
30
5.5
4.3
4.5
5.0
3.5
6.0
1
31
5.5
4.4
4.5
5.2
3.5
6.2
1
32
5.5
4.6
4.5
5.3
3.5
6.4
1
33
5.5
4.7
4.5
5.5
3.5
6.6
1
34
5.5
4.9
4.5
5.7
3.5
6.8
1
35
5.5
5.0
4.5
5.8
3.5
7.0
1
36
5.5
5.1
4.5
6.0
3.5
7.2
Table 77. Minimum delay for interleaved conversion versus resolution (continued)
16-bit Mode
14-bit mode
12-bit Mode
Boost Fclk (MHz)
Delay
ADC1/ADC2
(clock cycles)
Data rate
(MSPS)
Delay
ADC1/ADC2
(clock cycles)
Data rate
(MSPS)
Delay
ADC1/ADC2
(clock cycles)
Data rate
(MSPS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com