Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 154 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 154 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 150Page - STMicroelectronics STM32MP153A Datasheet HTML 151Page - STMicroelectronics STM32MP153A Datasheet HTML 152Page - STMicroelectronics STM32MP153A Datasheet HTML 153Page - STMicroelectronics STM32MP153A Datasheet HTML 154Page - STMicroelectronics STM32MP153A Datasheet HTML 155Page - STMicroelectronics STM32MP153A Datasheet HTML 156Page - STMicroelectronics STM32MP153A Datasheet HTML 157Page - STMicroelectronics STM32MP153A Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 254 page
background image
Electrical characteristics
STM32MP153A/D
154/254
DS12502 Rev 3
fPLL_P_Q_R_
OUT
PLL P,Q,R
multiplier output
clock
-
3.125
-
800(2) MHz
PLL P,Q,R clock
duty cycle
Even divisions
(N multiple of 2)
45
50
55
%
Odd divisions
(N not multiple of 2)
[100,
(N+1)/
2N] - 5
[100,
(N+1)/
2N]
[100,
(N+1)/
2N] +
5
fVCO_OUT
PLL VCO output
-
400
-
800
MHz
tLOCK
PLL lock time
Normal mode
15
50
150
µs
Sigma-delta mode (CKIN ≥ 8 MHz)
25
65
170
ALOCK
Lock accuracy
(Ratio VCO
frequency versus
target frequency at
lock)
--
-
±2
%
Jitter
RMS cycle-to-
cycle jitter
fPLL_P_Q_R_OUT division =
25 to 100
Without Fractional mode
VCO = 400 MHz
-
80(3)
-
±ps
VCO = 600 MHz
-
50(3)
-
VCO = 800 MHz
-
45(3)
-
fPLL_P_Q_R_OUT division =
25 to 100
With Fractional mode
VCO = 600 MHz
-
65(3)
-
VCO = 800 MHz
-
60(3)
-
RMS period jitter
fPLL_P_Q_R_OUT division =
25 to 100
Without Fractional mode
VCO = 400 MHz
-
75(3)
-
±ps
VCO = 600 MHz
-
38(3)
-
VCO = 800 MHz
-
30(3)
-
fPLL_P_Q_R_OUT division =
25 to 100
With Fractional mode
VCO = 600 MHz
-
55(3)
-
VCO = 800 MHz
-
50(3)
-
Long term jitter
fPLL_P_Q_R_OUT division =
25 to 100
fPLL_IN = 8 MHz
Without Fractional mode
VCO = 400 MHz
-
225(4)
-
ps
VCO = 600 MHz
-
150(4)
-
VCO = 800 MHz
-
125(4)
-
fPLL_P_Q_R_OUT division =
25 to 100
fPLL_IN = 8 MHz
With Fractional mode
VCO = 400 MHz
-
300(4)
-
VCO = 600 MHz
-
200(4)
-
VCO = 800 MHz
-
150(4)
-
IVDD_PLL
PLL power
consumption on
VDD_PLL (Analog)
VCO freq = 800 MHz
-
600
610
µA
VCO freq = 400 MHz
-
320
350
Table 39. PLL3_800, PLL4_800 characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com