Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 155 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 155 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 151Page - STMicroelectronics STM32MP153A Datasheet HTML 152Page - STMicroelectronics STM32MP153A Datasheet HTML 153Page - STMicroelectronics STM32MP153A Datasheet HTML 154Page - STMicroelectronics STM32MP153A Datasheet HTML 155Page - STMicroelectronics STM32MP153A Datasheet HTML 156Page - STMicroelectronics STM32MP153A Datasheet HTML 157Page - STMicroelectronics STM32MP153A Datasheet HTML 158Page - STMicroelectronics STM32MP153A Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 254 page
background image
DS12502 Rev 3
155/254
STM32MP153A/D
Electrical characteristics
233
PLL_USB (2880 MHz) characteristics
6.3.12
PLL spread spectrum clock generation (SSCG) characteristics
The spread spectrum clock generation (SSCG) feature allows the reduction of
electromagnetic interferences (see Table 46: EMI characteristics). It is available only on the
PLL1_1600 and PLL2_1600.
Equation 1
IVDDCORE
PLL power
consumption on
VDDCORE (Digital)
VCO freq = 800 MHz
-
2200
5250
µA
VCO freq = 400 MHz
-
1130
4550
1. Guaranteed by design unless otherwise specified.
2. Guaranteed by characterization results.
3. Measured on GPIO.
4. Measured on GPIO for 10000 output clock cycles.
Table 39. PLL3_800, PLL4_800 characteristics(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 40. USB_PLL characteristics(1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
fPLL_IN
PLL input clock
19.2
24
38.4
MHz
fPLL_INFIN
PFD input clock
19.2
24
38.4
MHz
fPLL_OUT
PLL multiplier output clock
-
480
-
MHz
fVCO_OUT
PLL VCO output
-
2880
-
MHz
tLOCK
PLL lock time
-
-
100
µs
tPDN
PLL power down time
10
-
-
µs
IDDA1V1_R
EG(PLL)
PLL power consumption on
VDDA1V1_REG (internal connection)
PLL in power down
-
5
425
µA
fVCO_OUT = 2880 MHz
-
4.4
5.6
mA
IDDA1V8_R
EG(PLL)
PLL power consumption on
VDDA1V8_REG (internal connection)
PLL in power down
-
-
2
µA
fVCO_OUT = 2880 MHz
-
2
2.5
mA
1. Guaranteed by design unless otherwise specified.
Table 41. SSCG parameters constraint
Symbol
Parameter
Min
Typ
Max(1)
Unit
fMod
Modulation frequency
20
-
60
kHz
md
Peak modulation depth
0.25
-
2
%
MODEPER * INCSTEP
-
-
-
215-1
-
1. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com