Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 188 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 188 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 184Page - STMicroelectronics STM32MP153A Datasheet HTML 185Page - STMicroelectronics STM32MP153A Datasheet HTML 186Page - STMicroelectronics STM32MP153A Datasheet HTML 187Page - STMicroelectronics STM32MP153A Datasheet HTML 188Page - STMicroelectronics STM32MP153A Datasheet HTML 189Page - STMicroelectronics STM32MP153A Datasheet HTML 190Page - STMicroelectronics STM32MP153A Datasheet HTML 191Page - STMicroelectronics STM32MP153A Datasheet HTML 192Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 254 page
background image
Electrical characteristics
STM32MP153A/D
188/254
DS12502 Rev 3
6.3.20
QUADSPI interface characteristics
Unless otherwise specified, the parameters given in Table 71 and Table 72 for QUADSPI
are derived from tests performed under the ambient temperature, Faxiss_ck frequency and
VDD supply voltage conditions summarized in Table 13: General operating conditions, with
the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Measurement points are done at CMOS levels: 0.5×VDD
•
I/O compensation cell enabled
•
HSLV activated when VDD ≤ 2.7 V
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output alternate
function characteristics.
Table 70. Switching characteristics for NAND Flash write cycles(1)
Symbol
Parameter
Min
Max
Unit
tw(NWE)
FMC_NWE low width
4Tfmc_ker_ck-1
4Tfmc_ker_ck+1
ns
tv(NWE-D)
FMC_NWE low to FMC_D[15-0] valid
0
-
th(NWE-D)
FMC_NWE high to FMC_D[15-0] invalid
3Tfmc_ker_ck
-
td(D-NWE)
FMC_D[15-0] valid before FMC_NWE high
4Tfmc_ker_ck-3
-
td(ALE-NWE)
FMC_ALE valid before FMC_NWE low
-
2Tfmc_ker_ck+1
th(NWE-ALE)
FMC_NWE high to FMC_ALE invalid
3Tfmc_ker_ck+0.5
-
1. Guaranteed by characterization results.
Table 71. QUADSPI characteristics in SDR mode
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Fck1/t(CLK)
QUADSPI clock frequency
2.7 V ≤ VDD < 3.6 V
CL = 20 pF
-
-
166
MHz
1.71 V < VDD <3.6 V
CL = 15 pF
--
90
tw(CLKH)
QUADSPI clock high and low
time
-
t(CLK)/2 - 0.5
-
t(CLK)/2 + 0.5
ns
tw(CLKL)
t(CLK)/2 - 0.5
-
t(CLK)/2 + 0.5
ts(IN)
Data input setup time
-
1.25
-
-
th(IN)
Data input hold time
-
2.75
-
-
tv(OUT)
Data output valid time
-
-
1
1.5
th(OUT)
Data output hold time
-
0
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com