Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 191 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 191 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 187Page - STMicroelectronics STM32MP153A Datasheet HTML 188Page - STMicroelectronics STM32MP153A Datasheet HTML 189Page - STMicroelectronics STM32MP153A Datasheet HTML 190Page - STMicroelectronics STM32MP153A Datasheet HTML 191Page - STMicroelectronics STM32MP153A Datasheet HTML 192Page - STMicroelectronics STM32MP153A Datasheet HTML 193Page - STMicroelectronics STM32MP153A Datasheet HTML 194Page - STMicroelectronics STM32MP153A Datasheet HTML 195Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 254 page
background image
DS12502 Rev 3
191/254
STM32MP153A/D
Electrical characteristics
233
fS
Sampling rate for Fast
channels, BOOST = 1,
fADC = 36 MHz,
sampling time = 1.5 cycles
16-bit resolution
-
-
3.60
MSPS
14-bit resolution
-
-
4.00
12-bit resolution
-
-
4.50
10-bit resolution
-
-
5.00
8-bit resolution
-
-
6.00
Sampling rate for Fast
channels, BOOST = 0,
fADC = 20 MHz,
sampling time = 1.5 cycles
16-bit resolution
-
-
2.00
14-bit resolution
-
-
2.20
12-bit resolution
-
-
2.50
10-bit resolution
-
-
2.80
8-bit resolution
-
-
3.30
Sampling rate for Slow
channels, BOOST = 1,
fADC = 28 MHz,
sampling time = 2.5 cycles
16-bit resolution
-
-
2.55
14-bit resolution
-
-
2.80
12-bit resolution
-
-
3.11
10-bit resolution
-
-
3.50
8-bit resolution
-
-
4.00
Sampling rate for Slow
channels, BOOST = 0,
fADC = 20 MHz,
sampling time = 2.5 cycles
16-bit resolution
-
-
1.82
14-bit resolution
-
-
2.00
12-bit resolution
-
-
2.22
10-bit resolution
-
-
2.50
8-bit resolution
-
-
2.86
fTRIG
External trigger frequency
fADC = 36 MHz
-
-
3.6
MHz
16-bit resolution
-
-
10
1/fADC
VAIN(3)
Conversion voltage range
-
0
-
VREF+
V
VCMIV
Common mode input
voltage
-
VREF/2-
10%
VREF/2
VREF/2+
10%
CADC
Internal sample and hold
capacitor
-
-
4
-
pF
tADCREG_
STUP
ADC LDO startup time
-
-
5
10
µs
tSTAB
ADC power-up time
LDO already started
1
1/fADC
Table 74. ADC characteristics(1)(2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com