Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 206 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 206 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 202Page - STMicroelectronics STM32MP153A Datasheet HTML 203Page - STMicroelectronics STM32MP153A Datasheet HTML 204Page - STMicroelectronics STM32MP153A Datasheet HTML 205Page - STMicroelectronics STM32MP153A Datasheet HTML 206Page - STMicroelectronics STM32MP153A Datasheet HTML 207Page - STMicroelectronics STM32MP153A Datasheet HTML 208Page - STMicroelectronics STM32MP153A Datasheet HTML 209Page - STMicroelectronics STM32MP153A Datasheet HTML 210Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 254 page
background image
Electrical characteristics
STM32MP153A/D
206/254
DS12502 Rev 3
6.3.29
VDDCORE monitoring characteristics
6.3.30
Voltage booster for analog switch
6.3.31
Compensation cell
6.3.32
Digital filter for sigma-delta modulators (DFSDM) characteristics
Unless otherwise specified, the parameters given in Table 90 for DFSDM are derived from
tests performed under the ambient temperature, fpclkx frequency and VDD supply voltage
summarized in Table 13: General operating conditions, with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5×VDD
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output alternate
function characteristics (DFSDMx_CKINx, DFSDMx_DATINx, DFSDMx_CKOUT for
DFSDMx).
Table 87. VDDCORE monitoring characteristics
Symbol
Parameter
Min
Typ
Max
Unit
tS_vddcore(1)
1. Guaranteed by design.
ADC sampling time when reading VDDCORE
input
100
-
-
ns
Table 88. Voltage booster for analog switch characteristics
Symbol
Parameter
Condition
Min Typ Max Unit
VDD
Supply voltage
-
1.71
-
3.6
V
tSU(BOOST) Booster startup time
-
-
-
50
µs
IDD(BOOST) Booster consumption
1.71 V ≤ VDD ≤ 2.7 V
-
-
125
µA
2.7 V < VDD < 3.6 V
-
-
250
Table 89. Compensation cell characteristics
Symbol
Parameter
Condition
Min Typ Max Unit
ICOMPCELL
VDD current consumption
during code calculation
1.71 V ≤ VDD ≤ 2.7 V
-
-
3.5
mA
2.7 V < VDD < 3.6 V
-
-
10
TREADY
Time needed for code
calculation
1.71 V ≤ VDD ≤ 2.7 V
-
-
300
µs
2.7 V < VDD < 3.6 V
-
-
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com