Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 210 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 210 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 206Page - STMicroelectronics STM32MP153A Datasheet HTML 207Page - STMicroelectronics STM32MP153A Datasheet HTML 208Page - STMicroelectronics STM32MP153A Datasheet HTML 209Page - STMicroelectronics STM32MP153A Datasheet HTML 210Page - STMicroelectronics STM32MP153A Datasheet HTML 211Page - STMicroelectronics STM32MP153A Datasheet HTML 212Page - STMicroelectronics STM32MP153A Datasheet HTML 213Page - STMicroelectronics STM32MP153A Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 254 page
background image
Electrical characteristics
STM32MP153A/D
210/254
DS12502 Rev 3
6.3.34
LCD-TFT controller (LTDC) characteristics
Unless otherwise specified, the parameters given in Table 92 for LCD-TFT are derived from
tests performed under the ambient temperature, Fpclk4 frequency and VDD supply voltage
summarized in Table 13: General operating conditions, with the following configuration:
•
LCD_CLK polarity: high
•
LCD_DE polarity: low
•
LCD_VSYNC and LCD_HSYNC polarity: high
•
Pixel formats: 24 bits
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5×VDD
•
I/O compensation cell enabled
Table 92. LTDC characteristics (1)
Symbol
Parameter
Conditions
Min
Max
Unit
fCLK
LTDC clock output frequency
2.7 V < VDD < 3.6 V
OSPEEDR[1:0] = 11, 10
-90
MHz
1.71 V < VDD < 3.6 V
OSPEEDR[1:0] = 11
-45
1.71 V < VDD < 3.6 V
OSPEEDR[1:0] = 10
-38
DCLK
LTDC clock output duty cycle
-
45
55
%
tw(CLKH),
tw(CLKL)
Clock High time, low time
-
tw(CLK)/2 - 0.5 tw(CLK)/2 + 0.5
ns
tv(DATA)
Data output valid time
OSPEEDR[1:0] = 11
-
3
OSPEEDR[1:0] = 10
-
4
th(DATA)
Data output hold time
-
0
-
tv(HSYNC),
tv(VSYNC),
tv(DE)
HSYNC/VSYNC/DE output valid time
OSPEEDR[1:0] = 11
-
2.5
OSPEEDR[1:0] = 10
-
3.5
th(HSYNC),
th(VSYNC),
th(DE)
HSYNC/VSYNC/DE output hold time
-
0
-
1. Guaranteed by characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com