Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 214 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 214 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 210Page - STMicroelectronics STM32MP153A Datasheet HTML 211Page - STMicroelectronics STM32MP153A Datasheet HTML 212Page - STMicroelectronics STM32MP153A Datasheet HTML 213Page - STMicroelectronics STM32MP153A Datasheet HTML 214Page - STMicroelectronics STM32MP153A Datasheet HTML 215Page - STMicroelectronics STM32MP153A Datasheet HTML 216Page - STMicroelectronics STM32MP153A Datasheet HTML 217Page - STMicroelectronics STM32MP153A Datasheet HTML 218Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 254 page
background image
Electrical characteristics
STM32MP153A/D
214/254
DS12502 Rev 3
SPI interface characteristics
Unless otherwise specified, the parameters given in Table 98 for the SPI interface are
derived from tests performed under the ambient temperature, fpclkx frequency and VDD
supply voltage conditions summarized in Table 13: General operating conditions, with the
following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5×VDD
•
I/O compensation cell enabled
•
HSLV activated when VDD ≤ 2.7 V
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 97. I2C FM+ pin characteristics
Symbol
Parameter
Conditions
Min
Max
Unit
Fmax(1)
1. The maximum frequency is defined with the following conditions:
- (Tr + Tf) ≤ ⅔T
- 45% < duty cycle < 55%.
Maximum frequency
C = 50 pF
1.71 ≤ VDD ≤ 3.6 V
-1
MHz
Tf(2)
2. The fall time is defined between 70% and 30% of the output waveform accordingl to I2C specification NXP
UM10204 rev- Oct 2012.
Output high to low level fall time
-
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com