Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153A Datasheet(PDF) 212 Page - STMicroelectronics

Part # STM32MP153A
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153A Datasheet(HTML) 212 Page - STMicroelectronics

Back Button STM32MP153A Datasheet HTML 208Page - STMicroelectronics STM32MP153A Datasheet HTML 209Page - STMicroelectronics STM32MP153A Datasheet HTML 210Page - STMicroelectronics STM32MP153A Datasheet HTML 211Page - STMicroelectronics STM32MP153A Datasheet HTML 212Page - STMicroelectronics STM32MP153A Datasheet HTML 213Page - STMicroelectronics STM32MP153A Datasheet HTML 214Page - STMicroelectronics STM32MP153A Datasheet HTML 215Page - STMicroelectronics STM32MP153A Datasheet HTML 216Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 254 page
background image
Electrical characteristics
STM32MP153A/D
212/254
DS12502 Rev 3
6.3.35
Timer characteristics
The parameters given in Table 93 are guaranteed by design.
Refer to Section 6.3.17: I/O port characteristics for details on the input/output alternate
function characteristics (output compare, input capture, external clock, PWM output).
6.3.36
Communications interfaces
I2C interface characteristics
The I2C interface meets the timings requirements of the I2C-bus specification for:
•
Standard-mode (Sm): with a bit rate up to 100 kbit/s
•
Fast-mode (Fm): with a bit rate up to 400 kbit/s.
•
Fast-mode Plus (Fm+): with a bit rate up to 1 Mbit/s.
The I2C timings requirements are guaranteed by design when the I2C peripheral is properly
configured and when the i2c_ker_ck frequency is greater than the minimum shown in the
table below:
Table 93. TIMx characteristics(1)(2)
1. TIMx is used as a general term to refer to the TIM1 to TIM17 timers.
2. Guaranteed by design.
Symbol
ParameterMin
Max
Unit
tres(TIM)
Timer resolution time
1
-
tTIMxCLK
fTIMxCLK
Timer kernel clock
0
209
MHz
fEXT
Timer external clock frequency on CH1 to CH4
0
fTIMxCLK/2
ResTIM
Timer resolution
-
16/32
bit
tMAX_COUNT
Maximum possible count with 16-bit counters
-
65536
tTIMxCLK
Maximum possible count with 32-bit counter
(TIM2, TIM5)
65536 ×
65536
Table 94. LPTIMx characteristics(1)(2)
1. LPTIMx is used as a general term to refer to the LPTIM1 to LPTIM5 timers.
2. Guaranteed by design.
Symbol
Parameter
Min
Max
Unit
tres(TIM)
Timer resolution time
1
-
tTIMxCLK
fLPTIMxCLK
Timer kernel clock
0
104.5
MHz
fEXT
Timer external clock frequency on Input1 and
Input2
0
fLPTIMxCLK/
2
ResTIM
Timer resolution
-
16
bit
tMAX_COUNT Maximum possible count
-
65536
tTIMxCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com