Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79D2251VC Datasheet(PDF) 17 Page - Advanced Micro Devices

Part # AM79D2251VC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251VC Datasheet(HTML) 17 Page - Advanced Micro Devices

Back Button AM79D2251VC Datasheet HTML 13Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 14Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 15Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 16Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 17Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 18Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 19Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 20Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 21Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
Am79D2251
17
Transmission and Signaling Specifications
Table 1. 0 dBm0 Voltage Definitions with Unity Gain in X, R, GX, GR, AX, and AR
28
Capacitance load on XSB1–2, XSC
400
pF
5
Signal at Digital Interface
Transmit
Receive
Unit
A-law digital mW or equivalent (0 dBm0)
0.5026
0.5026
Vrms
µ-law digital mW or equivalent (0 dBm0)
0.4987
0.4987
±5,800 peak linear coded sine wave
0.5026
0.5025
No.
Item
Condition
Min
Typ
Max
Unit
Note
1
Insertion Loss
A-D
D-A
A-D + D-A
A-D + D-A
Input: 1014Hz, –10dBm0
RG = AR = AX = GR = GX = 0 dB,
AISN, R, X, B and Z filters disabled
Temperature = 70
°C
Variation over temperature
–0.25
–0.25
–0.15
–0.1
0
0
0
0
+0.25
+0.25
+0.015
+0.1
dB
6
2
Level set error (Error between
setting and actual value)
A-D AX + GX
D-A AR + GR
–0.1
0.1
3
DR to DX gain in full digital
loopback mode
DR Input: 1014 Hz, –10 dBm0
RG=AR=AX=GR=GX=0 dB,
DISN, R, X, B and Z filters disabled
–0.3
+0.3
4
Idle Channel Noise,
Psophometric Weighted (A-law)
Off-hook and On-hook
AX = 0dB
AR = 0dB
A-D (PCM output)
D-A (VOUT)
–69
–78
dBm0p
11
5
Idle Channel Noise,
C Message weighted (µ-law)
Off-hook and On-hook
AX = 0dB
AR = 0dB
A-D (PCM output)
D-A (VOUT)
+19
+12
dBrnC0
11
6
Coder Offset decision value, Xn
A-D, Input signal = 0V
–7+7
Bits
5
7
GX step size
0
≤ GX < 12 dB
0.1
dB
5
8
GR step size
–12
≤ GR ≤ 0 dB
0.1
5
9
PSRR (VCC)
Image frequency
Input: 4.8 to 7.8 kHz, 200 mV p-p
Measure 8000 Hz-Input frequency
A-D
D-A
37
37
5
10
DISN gain accuracy
Gdisn = ±0.9375 Vin = 0 dBm0
Gdisn = –0.9375 to 0.9375
–0.25
+0.25
dB
2
11
End-to-end group delay
1014 Hz; –10 dBmO
B = Z = 0; X = R = 1
525
µS13,
12,
5
12
Crosstalk
TX to RX
same channel
RX to TX
0 dBm0
300 Hz to 3400 Hz
0 dBm0
300 Hz to 3400 Hz
–75
–75
dBm0
No.
Item
Condition
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com