Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79D2251VC Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM79D2251VC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251VC Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM79D2251VC Datasheet HTML 10Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 11Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 12Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 13Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 14Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 15Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 16Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 17Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14
Am79D2251
ELECTRICAL CHARACTERISTICS
Power Dissipation
Absolute Maximum Ratings
Stresses greater than those listed under Absolute Maximum Ratings can cause permanent device
failure. Functionality at or above these limits is not implied. Exposure to absolute maximum ratings
for extended periods can affect device reliability.
Operating Ranges
Operating ranges define those limits over which the functionality of the device is guaranteed by 100
percent production testing. Specifications outside of the 0 to 70°C range (–40 to 85°C) are
guaranteed through characterization and sample-lot testing production devices at the temperature
extremes.
Intelligent Access
™ Voice Chipsets Environmental Ranges
Electrical Maximum Ranges
Description
Test Conditions
Min
Typ
Max
Unit
Dual ISLAC Power
Dissipation
One channel activated
TBD
TBD
mW
All channels active
TBD
TBD
All channels inactive
TBD
Storage Temperature
–60°C
≤ T
A ≤ +125°C
Ambient Temperature, under Bias
–40°C
≤ T
A ≤ +85°C
Ambient relative humidity (non condensing)
5 to 100%
VCCA with respect to DGND
–0.4 V to + 3.47 V
VCCD with respect to DGND
–0.4 V to + 3.47 V
VIN with respect to DGND
–0.4 V to VCCA + 0.4 V
5 V tolerant pins
–0.4 to Vcc + 2.25 or 5.25 V,
whichever is less
AGND
DGND ±0.4 V
Latch up immunity (any pin)
±100 mA
Any other pin with respect to DGND
–0.4 V to VCC
Ambient Temperature
–40 to +85°C Commercial
Ambient Relative Humidity
15 to 85%
Analog Supply VCCA
+3.3 V ± 5%
Digital Supply VCCD
+3.3 V ± 5%
DGND
0 V
AGND
DGND ±50 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com