Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79D2251VC Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM79D2251VC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251VC Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM79D2251VC Datasheet HTML 26Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 27Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 28Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 29Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 30Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 31Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 32Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 33Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
30
Am79D2251
Figure 19. PCM Highway Timing for XE = 1 (Transmit on Positive PCLK Edge)
GCI Timing Specifications
Notes:
1. The Data Clock (DCL) can be stopped in the high or low state without loss of information.
2. A temporary stoppage of DCL must not put the ISLAC into a state in which it does not respond to a software
reset command.
3. All frequency-dependent specifications are guaranteed for clock frequencies within ±100 PPM from
nominal.
Symbol
Signal
Parameter
Min
Typ
Max
Unit
tR, tF
DCL
Rise/fall time
60
ns
tDCL
DCL
Period, FDCL = 2048 kHz
FDCL = 4096 kHz
478
239
498
249
tWH, tWL
DCL
Pulse width
90
tR, tF
FS
Rise/fall time
60
tSF
FS
Setup time
70
tDCL–50
tHF
FS
Hold time
50
tWFH
FS
High pulse width
130
tDDC
DU
Delay from DCL edge
100
tDDF
DU
Delay from FS edge
150
tSD
DD
Data setup
twH+20
tHD
DD
Data hold
50
PCLK
FS
First
Bit
Second
Bit
V
IH
V
IL
V
IH
V
IL
26
24
23
27
22
25
28
34
35
DRA
33
30
First
Bit
DXA
V
OL
V
OH
TSCA
See Note 4
31
32
29
Time Slot Zero, Clock Slot Zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com