Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79D2251VC Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79D2251VC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251VC Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79D2251VC Datasheet HTML 1Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 2Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 3Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 4Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 5Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 6Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 7Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 8Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Pub. # 22829
Rev: C
Amendment: /0
Issue Date: December 1999
Intelligent Access™ Voice Solutions
Am79D2251
Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC
)
DISTINCTIVE CHARACTERISTICS
s High performance digital signal processor
provides programmable control of all major
linecard functions
— 32 and 24 kb/s ADPCM to G726, as well as
A-law/
µ-law and linear codec
— Transmit and receive gain
— Two-wire AC impedance
— Transhybrid balance
— Equalization
— DC loop feeding
— Smooth or abrupt polarity reversal
— Loop supervision
— Off-hook debounce circuit
— Ground-key and ring-trip filters
— Ringing generation and control
— Adaptive hybrid balance
— Line and circuit testing
— Tone generation
— Metering generation at 12 kHz and 16 kHz
— Envelope shaping and level control
s Selectable PCM/MPI or GCI digital interfaces
— Supports most available master clock
frequencies from 512 kHz to 8.196 MHz
s 0 to 70°C commercial operation
—–40°C to 85°C extended temperature range
available
s +3.3 V DC operation
s Exceeds LSSGR and ITU requirements
s Supports external ringing with on-chip ring-trip
circuit
— Automatic or manual ring-trip modes
s DTMF detection according to Q.24
s 2100 Hz modem tone detection according to V.25
BLOCK DIAGRAM
RC
Networks
and
Protection
A1
B1
A2
B2
Dual
ISLAC
ISLIC
ISLIC
LD1
VREF
7
AGND1
AGND2
RREF
BATP
BATH
Ring-Trip
Sense
Resistors
5
5
BATL
RSHB
RSLB
RSPB
VCCA
4
VCCD
DGND1
DGND2
TSCA/G
DRA/DD
DXA/DU
DCLK/S0
PCLK/FS
MCLK
FS/DCL
CS/RST
DIO/S1
INT
3
P1-P3
7
LD2


Similar Part No. - AM79D2251VC

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7900N ANALOGPOWER-AM7900N Datasheet
320Kb / 5P
Dual N-Channel 150-V (D-S) MOSFET
logo
Advanced Micro Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
Subscriber Line Audio-Processing Circuit(SLAC)Device
AM7910 AMD-AM7910 Datasheet
1Mb / 40P
WORLD-CHIP FSK Modem
AM79101 AMD-AM79101 Datasheet
1Mb / 58P
WORLD CHIP FSK AUTODIAL MODEM
AM79101 AMD-AM79101 Datasheet
1Mb / 40P
WORLD-CHIP FSK Modem
More results

Similar Description - AM79D2251VC

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
Subscriber Line Interface Circuit
logo
List of Unclassifed Man...
AM79231 ETC1-AM79231 Datasheet
278Kb / 28P
Intelligent Subscriber Line Interface Circuit (ISLIC)
AM79Q02 ETC1-AM79Q02 Datasheet
1Mb / 68P
Quad Subscriber Line Audio-Processing Circuit (QSLAC) Devices
logo
Advanced Micro Devices
AM79C03 AMD-AM79C03 Datasheet
723Kb / 48P
Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
logo
List of Unclassifed Man...
AM79Q4457 ETC1-AM79Q4457 Datasheet
661Kb / 44P
Quad Subscriber Line Audio Processing Circuit-Non-Programmable (QSLAC-NP) Devices
logo
Advanced Micro Devices
AM79R251 AMD-AM79R251 Datasheet
317Kb / 27P
Intelligent Subscriber Line Interface Circuit (ISLIC)
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Advanced Micro Devices
AM7905A AMD-AM7905A Datasheet
1Mb / 33P
Subscriber Line Audio-Processing Circuit(SLAC)Device
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com