Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79D2251VC Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # AM79D2251VC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251VC Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button AM79D2251VC Datasheet HTML 15Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 16Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 17Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 18Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 19Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 20Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 21Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 22Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Am79D2251
19
Transmit and Receive Paths
In this section, the transmit path is defined as the analog input to the ISLAC device (VINn) to the
PCM voice output of the ISLAC A-law/µ law speech compressor (See Figure 7-1 in the Am79R2xx/
Am79D2251x Technical Reference). The receive path is defined as the PCM voice input to the
ISLAC speech expander to the analog output of the ISLAC device (VOUTn). All limits defined in this
section are tested with B = 0, Z = 0 and X = R = RG = 1.
When RG is enabled, a gain of –6.02 dB is added to the digital section of the receive path.
When AR is enabled, a nominal gain of –6.02 dB is added to the analog section of the receive path.
When AX is enabled, a nominal gain of +6.02 dB is added to the analog section of the transmit path.
When relative levels (dBm0) are used in any of the following transmission characteristics, the
specification holds for any setting of (AX + GX) gain from 0 to 12 dB or (AR + GR) from 0 to –12 dB.
These transmission characteristics are valid for 0 to 70°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com