Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79D2251VC Datasheet(PDF) 23 Page - Advanced Micro Devices

Part # AM79D2251VC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251VC Datasheet(HTML) 23 Page - Advanced Micro Devices

Back Button AM79D2251VC Datasheet HTML 19Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 20Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 21Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 22Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 23Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 24Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 25Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 26Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 27Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Am79D2251
23
Total Distortion Including Quantizing Distortion
The signal to total distortion ratio will exceed the limits shown in Figure 10 for either path when the
input signal is a sine wave signal of frequency 1014 Hz.
Figure 10. Total Distortion with Tone Input, Both Paths
Overload Compression
Figure 11 shows the acceptable region of operation for input signal levels above the reference input
power (0 dBm0). The conditions for this figure are:
(1) 1 dB < GX
≤ +12 dB; (2) –12 dB ≤ GR < –1 dB; (3) Digital voice output connected to digital voice
input; and (4) measurement analog to analog.
Figure 11. A/A Overload Compression
Input Level (dBm0)
Signal-to-Total
Distortion (dB)
Dual ISLAC Specification
0
-30
-40
-45
A
A-Law
µ-Law
A
35.5dB
35.5dB
B
35.5dB
35.5dB
C
30dB
31dB
D
25dB
27dB
B
C
D
Fundamental
Output Power
(dBm0)
Fundamental Input Power (dBm0)
1
2
3
4
5
6
7
8
9
123
4
5
6
78
9
Region
2.6
Acceptable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com