Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79D2251VC Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM79D2251VC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251VC Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM79D2251VC Datasheet HTML 14Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 15Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 16Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 17Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 18Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 19Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 20Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 21Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
18
Am79D2251
Notes:
1.
These tests are performed with the following load impedances:
Frequency < 12 kHz – Longitudinal impedance = 500
Ω; metallic impedance = 300 Ω
Frequency > 12 kHz – Longitudinal impedance = 90
Ω; metallic impedance = 135 Ω
2.
Not tested or partially tested in production. This parameter is guaranteed by characterization or
correlation to other tests.
3.
This parameter is tested at 1 kHz in production. Performance at other frequencies is guaranteed by
characterization.
4.
When the Intelligent Access voice chipset is in the anti-sat operating region, this parameter will be
degraded. The exact degradation will depend on system design.
5.
Guaranteed by design.
6.
Overall 1.014 kHz insertion loss error of the Intelligent Access voice chipset is guaranteed to be
≤
0.34 dB
7.
These SBAT, PSRR specifications are valid only when the ISLIC is used with the ISLAC, which
generates the anti-sat reference. Since the anti-sat reference depends upon the battery voltage sensed
by the VHB, VLB, and VPB pins of the ISLAC, the PSRR of the kit depends upon the amount of battery
filtering provided by CB.
8.
Must meet at least one of these specifications.
9.
These voltages are referred to VREF
10.
These limits refer to the 2-wire output of an ideal ISLIC but reflect only the capabilities the ISLAC.
11.
When relative levels (dBm0) are used, the specification holds for any setting of (AX + GX) gain from
0 to 12 dB or (AR + GR + RG) from 0 to –12 dB.
12.
Group delay spec valid only when Channels 1–2 occupy consecutive slots in the frame. Programming
channels in non-consecutive timeslots adds 1 frame delay in the Group delay measurements.
13.
The Group delay specification is defined as the sum of the minimum values of the group delays for
transmit and the receive paths when the B, X, R, and Z filters are disabled with null coefficients. See
Figure 15-3 for Group Delay Distortion.
14.
These limits reflect only the capabilities of the dual ISLAC device.
13
Crosstalk between channels
TX or RX to TX
TX or RX to RX
0 dBm0
1014 Hz
1014 Hz
–76
–78
dBm0
No.
Item
Condition
Min
Typ
Max
Unit
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com