Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79D2251VC Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM79D2251VC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251VC Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM79D2251VC Datasheet HTML 23Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 24Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 25Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 26Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 27Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 28Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 29Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 30Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Am79D2251
27
PCM Interface
Master Clock
For 2.048 MHz ±100 PPM, 4.096 MHz ±100 PPM, or 8.192 MHz ±100 PPM operation:
Notes:
1.
DCLK may be stopped in the HIGH or LOW state indefinitely without loss of information. When CS
makes a transition to the High state, the last byte received will be interpreted by the Microprocessor
Interface logic.
2.
The PCM clock (PCLK or MCLK) frequency must be an integer multiple of the frame sync (FS)
frequency with an accuracy of 100 PPM. This allowance includes any jitter that may occur between
the PCM signals (FS, PCLK) and MCLK. The actual PCLK rate is dependent on the number of channels
allocated within a frame. The minimum clock frequency is 128 kHz. A PCLK of 1.544 MHz may be
used for standard U.S. transmission systems.
3.
TSCA is delayed from FS by a typical value of N • tPCY, where N is the value stored in the time/clock
slot register.
4.
tTSO is defined as the time at which the output driver turns off. The actual delay time is dependent on
the load circuitry. The maximum load capacitance on TSCA is 150 pF and the minimum pull-up
resistance is 360
Ω.
5.
The first data bit is enabled on the falling edge of CS or on the falling edge of DCLK, whichever occurs
last.
6.
The ISLAC device requires 2.0
µs between SIO operations. If the MPI is being accessed while the
MCLK (or PCLK if combined with MCLK) input is not active, a Chip Select Off time of 20
µs is required
when accessing coefficient RAM.
No.
Symbol
Parameter
Min.
Typ
Max
Unit
Note
22
tPCY
PCM clock period
0.122
7.8125
µs
2
23
tPCH
PCM clock HIGH pulse width
48
ns
24
tPCL
PCM clock LOW pulse width
48
25
tPCF
Fall time of clock
15
26
tPCR
Rise time of clock
15
27
tFSS
FS setup time
30
tPCY–30
28
tFSH
FS hold time
50
29
tTSD
Delay to TSCA valid
5
80
3
30
tTSO
Delay to TSCA off
5
4
31
tDXD
PCM data output delay
5
70
32
tDXH
PCM data output hold time
5
70
33
tDXZ
PCM data output delay to high-Z
10
70
34
tDRS
PCM data input setup time
25
35
tDRH
PCM data input hold time
5
36
tFST
PCM or frame sync jitter time
–97
97
No.
Symbol
Parameter
Min
Typ
Max
Unit
No
37
tMCY
Period: 2.048 MHz
Period: 4.096 MHz
Period: 8.192 MHz
488.23
244.11
122.05
488.28
244.14
122.07
488.33
244.17
122.09
ns
2
38
tMCR
Rise time of clock
15
39
tMCF
Fall time of clock
15
40
tMCH
MCLK HIGH pulse width
48
41
tMCL
MCLK LOW pulse width
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com