Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79D2251VC Datasheet(PDF) 8 Page - Advanced Micro Devices

Part # AM79D2251VC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251VC Datasheet(HTML) 8 Page - Advanced Micro Devices

Back Button AM79D2251VC Datasheet HTML 4Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 5Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 6Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 7Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 8Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 9Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 10Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 11Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 12Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
8
Am79D2251
CS/RST
Chip Select/Reset
I
For PCM backplane operation, a logic low on this pin for 15 or more DCLK cycles resets
the sequential logic in the ISLAC device into a known mode. A logic low placed on this pin
for less than 15 DCLK cycles is a chip select and enables serial data transmission into or
out of the DIO port. For GCI operation, a logic low on this pin—for 1 ms or longer—resets
the sequential logic into a known mode. See Table 2-4 in the Technical Reference for
details. 5 V tolerant.
SHB, SLB,
SPB
Battery Sense
I
Resistors that sense the high, low and positive battery voltages connect here. If only one
negative battery is used, connect both resistors at the supply. If the positive battery is not
used, leave the pin unconnected. These pins are current inputs whose voltage is held at
VREF.
TSCA/G,
Timeslot Control A/GCI
Mode, Time Slot
Control B
O
(PCM)
I
(GCI)
For PCM backplane operation, TSCA is active low when PCM data is output on the DXA
pin. The outputs are open-drain and are normally inactive (high impedance). Pull-up loads
should be connected to VCCD. When GCI mode is selected, one of two GCI modes may
be selected by connecting TSCA/G to DGND or VCCD.
VSAB1–
VSAB2
Loop voltage sense
I
Connect to the VSAB pins of two ISLIC devices.
VCCA1–
VCCA2
Power Supply
+3.3 VDC supplies to the analog sections in each of the two channels.
VCCD
Power Supply
+3.3 VDC supply to all digital sections.
VREF
Analog Reference
O
This pin provides a 1.4 V, single-ended reference to the two ISLIC devices to which the
ISLAC device is connected.
VHL1–
VHL2
High Level D/A
O
High-level loop control voltages on these pins are used to control DC-feed, internal ringing,
metering and polarity reversal for each ISLIC device.
VIN1–
VIN2
TX Analog
I
Analog transmit signals (VTX) from each ISLIC device connect to these pins. The ISLAC
device converts these signals to digital words and processes them. After processing, they
are multiplexed into serial time slots and sent out of the DXA/DU pin.
VLB1–
VLB2
Longitudinal
Reference
O
Normally connected to VCCA internally. They supply longitudinal reference voltages to the
ISLIC devices during certain test procedures. These outputs are connected internally to
VCCA during ISLIC Active, Standby, Ringing, and Disconnect modes. During test modes,
it can be connected to the receive D/A.
VIMT1–
VIMT2,
VILG1–
VILG2
Sense
I
The IMT and ILG pins of two ISLIC devices connect to the VIMT1–VIMT4 and VILG1–
VILG4 pins of the ISLAC chip. These pins are voltage inputs referenced to VREF. They
require external resistors connected between each pin and VREF to convert IMTn and
ILGn into voltages.
VOUT1–
VOUT2
RX Analog
O
The ISLAC device extracts and processes voice data from time slots on DRA/DD serial
data port. After processing, the ISLAC device converts the voice data to analog signals
that are sent out of these pins to each respective ISLIC device.
XSB1–
XSB2
External Sense
I
External resistors connect here that sense an external voltage. In a linecard with external
ringing, they are used to sense the voltage at the line side of the ring-feed resistor. These
pins are current inputs whose voltage is held at VREF. An internal resistor converts currents
flowing in these pins into voltages to be sampled by the A/D.
XSC
Common External
Sense
I
An external resistor connects here that senses a common reference for external voltages
sensed by resistors connected to XSB1–XSB4. This pin is a current input whose voltage
is held at VREF. An internal resistor converts current flowing in this pin into a voltage to
be sampled by the A/D. This pin is intended for sensing external ringer supply voltages.
However, it can also be used to sense other test points when internal ringing is used.
Pin
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com