Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79D2251VC Datasheet(PDF) 20 Page - Advanced Micro Devices

Part # AM79D2251VC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251VC Datasheet(HTML) 20 Page - Advanced Micro Devices

Back Button AM79D2251VC Datasheet HTML 16Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 17Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 18Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 19Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 20Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 21Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 22Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 23Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 24Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
20
Am79D2251
Attenuation Distortion
The attenuation of the signal in either path is nominally independent of the frequency. The deviations
from nominal attenuation will stay within the limits shown in Figure 6. The reference frequency is
1014 Hz and the signal level is –10 dBm0.
Figure 6. Transmit and Receive Path Attenuation vs. Frequency
Minimum transmit attenuation at 60 Hz is 24 dB
Group Delay Distortion
For either transmission path, the group delay distortion is within the limits shown in
Figure 7. The minimum value of the group delay is taken as the reference. The signal level should
be –10 dBm0.
Figure 7. Group Delay Distortion
2
0.6
0
Dual ISLAC Specification
0.65
-0.125
0.125
0
0.80
0.2
Receive path
1
Frequency (Hz)
0
90
150
420
Delay (µS)
Dual ISLAC Specification
(Either Path)
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com