Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79D2251VC Datasheet(PDF) 15 Page - Advanced Micro Devices

Part # AM79D2251VC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251VC Datasheet(HTML) 15 Page - Advanced Micro Devices

Back Button AM79D2251VC Datasheet HTML 11Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 12Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 13Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 14Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 15Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 16Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 17Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 18Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 19Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Am79D2251
15
PERFORMANCE SPECIFICATIONS
The performance targets defined in this section are for the entire linecard comprised of both chips
in the Intelligent Access voice chipsets unless otherwise noted. Specifications for the individual chips
in the set will be published separately (see note 1). TA = 0 to 70°C unless otherwise noted.
Intelligent Access™ Voice Chipsets System Target Specifications
Notes:
1. Not tested or partially-tested in production.
2. These numbers are only valid when an ISLIC device operates with an ISLAC device, because the ISLAC
generates the anti-sat feed characteristic. When the Intelligent Access voice chipsets operate in the normal
feed region, the performance is controlled by the ISLIC device. See appropriate ISLIC data sheet for
specific PSRR.
Item
Condition
Min
Typ
Max
Unit
Note
Peak Ringing Voltage
Active Ringing mode,
RLOAD = 1500
Ω,
VBH = 80 V
70
V
Output Impedance during
internal ringing
Active Ringing mode, Dual
ISLAC generating internal
ringing
200
Ω
Sinusoidal Ringing THD
Active Ringing mode,
RLOAD = 1500
Ω,
VBH = 80 V, ISLAC
generating internal
sinusoidal ringing
2%
PSRR (VBH, VBL)
Loop open, in anti-sat
f = 50 Hz
f = 200 to 3400 Hz
2
12
dB
1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com