Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79D2251VC Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM79D2251VC
Description  Dual Intelligent Subscriber Line Audio-Processing Circuit (ISLAC)
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79D2251VC Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM79D2251VC Datasheet HTML 7Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 8Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 9Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 10Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 11Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 12Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 13Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 14Page - Advanced Micro Devices AM79D2251VC Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Am79D2251
11
Figure 4. Internal Ringing Linecard Schematic
RFAi
RFBi
RSAi
RSBi
A
B
U3
DHi
BATH
BATL
U1
Am79R241
P1
P2
P3
LD
SA
SB
AD
BD
VBH
VBL
TMP
TMN
RSN
VLB
IMT
ILG
VTX
VREF
VSAB
GND
+5 V
VCC
CBATLi
CBATHi
* CSS required for > 2.2 Vrms metering
** Connections shown for one channel
*** DT2i diode is optional - should be
connected if there is a chance that this chip
may be replaced by Am79R251.
DLi
RMGLi
RMGPi
TMS
BGND
R2
RYE
R3
R1
BATH
HPA
HPB
RTESTLi
CHPi
CSSi
RRXi
RMTi
VREF
RLGi
VREF
U2
ISLAC
VREF
VILGi
VIMTi
VLBi
VSABi
VINi
VOUTi
BACK
PLANE
LDi
P1
P2
P3
DGND
VCCA
VCCD
SHB
SLB
BATH
BATL
IREF
AGND
VCC
+3.3VDC
RSHB
RSLB
RREF
CREF
3.3 V
CADi
CBDi
RSVD
RSVD
RTi
D1
D2
U4
CS
RTESTMi
DT1i
DT2i***
SPB
RHLai
VHLi
RHLbi
RHLci
RHLdi
VREF
CHLdi
CHLbi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com