Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VCW Datasheet(PDF) 129 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 129 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 125Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 126Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 127Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 128Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 129Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 130Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 131Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 132Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 133Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 161 page
background image
P R E L I M I N A R Y
AMD
129
Am79C930
DC CHARACTERISTICS (continued)
3.3 V Am79C930 DC Characteristics
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Units
IDDPD2
Power Supply Current
Power Down mode
5
mA
CLKIN = internally cutoff,
PMX1 = 32.768 kHz,
no host interface
accesses occurring
VIN
≤ VIL or VIN ≥ VOH
IDDPD3
Power Supply Current
Power Down mode
900
µA
CLKIN = internally cutoff,
PMX1 = 32.768 kHz,
no host interface
accesses occurring
VIN
≤ VOLC or VIN ≥ VOHC
CIN
Input Pin Capacitance
FC = 1 MHz (Note 6)
12
pF
CO
I/O or Output Pin Capacitance
FC = 1 MHz (Note 6)
12
pF
CCLK
BCLK Pin Capacitance
FC = 1 MHz (Note 6)
12
pF
Notes:
1. IOL1 = 2.4mA applies to the following pins: STSCHG, PWRDWN, MA[16:0], MD[7:0], FCE, SCE, XCE, MOE, MWE, TDO,
LFPE, LFCLK, LLOCKE, HFPE, INPACK, HFCLK, ANTSLT, ANTSLT, TXCMD, TXCMD, TXPE, TXDATA, TXDATA,
TXMOD, RXPE, FDET, SDCLK, SDDATA, SDSEL[3:1], SAR[6:0], USER[4:2], USER[0], TXC, ADIN1, ADIN2.
IOL2 = 12 mA applies to the following pins: ACT, LNK
IOL3 = 8 mA applies to the following pins: D[7:0], WAIT, IREQ, USER5, USER6, RXC, USER7, USER[1]
2. VOH does not apply to open-drain output pins.
3. Does not apply to PMX1, PMX2, and ADREF.
4. IOZH and IOZL apply to all three-state output pins and bidirectional pins.
5. Outputs are CMOS and will be driven to rail if the load is not resistive to supply.
6. Not 100% tested. Value determined by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com