Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C930VCW Datasheet(PDF) 132 Page - Advanced Micro Devices

Part # AM79C930VCW
Description  PCnet-Mobile Single-Chip Wireless LAN Media Access Controller
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C930VCW Datasheet(HTML) 132 Page - Advanced Micro Devices

Back Button AM79C930VCW Datasheet HTML 128Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 129Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 130Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 131Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 132Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 133Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 134Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 135Page - Advanced Micro Devices AM79C930VCW Datasheet HTML 136Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 161 page
background image
AMD
P R E L I M I N A R Y
132
Am79C930
PCMCIA MEMORY WRITE ACCESS
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
tAVWL
Address setup to
WE
↓
20
ns
tAVWH
Address setup to
WE
↑
100
ns
tWMAX
Write recovery time
(Address hold from
WE
↑ )20
ns
tELWH
CE setup to WE
↑
140
ns
tELWL
CE setup to WE
↓
0ns
tGHEH
CE hold from OE
↑ (READ) or CE
hold from
WE
↑ (WRITE)
20
ns
tGHWL
OE setup to WE
↓
10
ns
tWHGL
OE hold from WE
↑
10
ns
tWLWH
WE pulse width
120
ns
tWLWTV
WAIT valid from WE
↓
35
ns
tWTLWTH
WAIT pulse width
Notes 1, 2
53 X TCLKIN
ns
tWTHWH
WE hold from WAIT
↑
0ns
tDVWH
Data setup to
WE
↑
60
ns
tWMDX
Data hold from
WE
↑
30
ns
tGHQZ
Data disabled from
OE
↑
Note 2
90
ns
tWLQZ
Data disabled from
WE
↓
Note 2
90
ns
tWHQNZ
Data enabled from
WE
↑
Note 2
5
ns
tGLQNZ
Data enabled from
OE
↓
Note 2
5
ns
Notes:
1. The max value for this parameter assumes the following worst case situation:
Value
Worst Case
0
FLASH and SRAM wait states set at “3.”
1
Host performs PCMCIA WRITE cycle at same time that Am79C930 embedded 80188 controller begins
instruction fetch cycle to FLASH memory.
2
PCMCIA WRITE cycle is posted internal to Am79C930 device, pending the completion of the embedded 80188
controller access.
3
Host performs PCMCIA READ cycle immediately following completion of PCMCIA WRITE cycle.
4
After completion of first embedded 80188 access to FLASH, posted PCMCIA WRITE executes to SRAM;
PCMCIA READ stycle is being held in wait state.
5
After completion of posted ISA WRITE cycle, new embedded 80188 access to FLASH begins.
6
After completion of second embedded 80188 access to FLASH, PCMCIA READ cycle is allowed to proceed onto
memory bus to SRAM; host is still held in wait state.
7
At SRAM READ cycle completion, data is delivered to PCMCIA bus and wait state is exited.
2. Parameter is not included in production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com