Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC5410X Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 12Page - NXP Semiconductors LPC5410X Datasheet HTML 13Page - NXP Semiconductors LPC5410X Datasheet HTML 14Page - NXP Semiconductors LPC5410X Datasheet HTML 15Page - NXP Semiconductors LPC5410X Datasheet HTML 16Page - NXP Semiconductors LPC5410X Datasheet HTML 17Page - NXP Semiconductors LPC5410X Datasheet HTML 18Page - NXP Semiconductors LPC5410X Datasheet HTML 19Page - NXP Semiconductors LPC5410X Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
16 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
PIO1_3/
ADC0_6
B2 17 [4] PU I/O;
AI
PIO1_3/ADC0_6 — General-purpose digital input/output pin (default). ADC input
channel 6 if the DIGIMODE bit is set to 0 in the IOCON register for this pin.
-
R — Reserved.
I/O SPI1_SSEL2 — Slave Select 2 for SPI1.
O
SCT0_OUT6 — SCT0 output 6.
I
R — Reserved.
I/O SPI0_SCK — Serial clock for SPI0.
I
CT32B0_CAP1 — 32-bit CT32B0 capture input 1.
PIO1_4/
ADC0_7
A2 18 [4] PU I/O;
AI
PIO1_4/ADC0_7 — General-purpose digital input/output pin (default). ADC input
channel 7 if the DIGIMODE bit is set to 0 in the IOCON register for this pin.
-
R — Reserved.
I/O SPI1_SSEL1 — Slave Select 1 for SPI1.
O
SCT0_OUT7 — SCT0 output 7.
I
R — Reserved.
I/O SPI0_MISO — Master In Slave Out for SPI0.
O
CT32B0_MAT1 — 32-bit CT32B0 match output 1.
PIO1_5/
ADC0_8
B3 19 [4] PU I/O;
AI
PIO1_5/ADC0_8 — General-purpose digital input/output pin (default). ADC input
channel 8 if the DIGIMODE bit is set to 0 in the IOCON register for this pin.
-
R — Reserved.
I/O SPI1_SSEL0 — Slave Select 0 for SPI1.
I
CT32B1_CAP0 — 32-bit CT32B1 capture input 0.
I
R — Reserved.
O
CT32B1_MAT3 — 32-bit CT32B1 match output 3.
I
R — Reserved.
PIO1_6/
ADC0_9
A5 26 [4] PU I/O;
AI
PIO1_6/ADC0_9 — General-purpose digital input/output pin (default). ADC input
channel 9 if the DIGIMODE bit is set to 0 in the IOCON register for this pin.
-
R — Reserved.
I/O SPI1_SCK — Serial clock for SPI1.
I
CT32B1_CAP2 — 32-bit CT32B1 capture input 2.
-
R — Reserved.
O
CT32B1_MAT2 — 32-bit CT32B1 match output 2.
I
R — Reserved.
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com