Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC5410X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 3 Page - NXP Semiconductors

  LPC5410X Datasheet HTML 1Page - NXP Semiconductors LPC5410X Datasheet HTML 2Page - NXP Semiconductors LPC5410X Datasheet HTML 3Page - NXP Semiconductors LPC5410X Datasheet HTML 4Page - NXP Semiconductors LPC5410X Datasheet HTML 5Page - NXP Semiconductors LPC5410X Datasheet HTML 6Page - NXP Semiconductors LPC5410X Datasheet HTML 7Page - NXP Semiconductors LPC5410X Datasheet HTML 8Page - NXP Semiconductors LPC5410X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
3 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
Up to 50 General-Purpose Input/Output (GPIO) pins. Most GPIOs have
configurable pull-up/pull-down resistors, programmable open-drain mode, and
input inverter.
GPIO registers are located on the AHB for fast access. The DMA supports GPIO
ports.
Up to eight GPIOs (pin interrupts) can be selected as edge-sensitive (rising or
falling edges or both) interrupt requests or level-sensitive (active low or active high)
interrupt requests. In addition, up to eight GPIOs can be selected to contribute a
boolean expression and interrupt generation using the pattern match engine block.
Two GPIO grouped interrupts (GINT) enable an interrupt based on a logical
(AND/OR) combination of input states.
CRC engine.
Timers:
Five 32-bit standard general purpose timers/counters, four of which support up to 4
capture inputs and 4 compare outputs, PWM mode, and external count input.
Specific timer events can be selected to generate DMA requests. The fifth timer
does not have external pin connections and may be used for internal timing
operations.
One State Configurable Timer/PWM (SCT/PWM) with 8 inputs (6 external inputs
and 2 internal inputs) and 8 output functions (including capture and match). Inputs
and outputs can be routed to/from external pins and internally to/from selected
peripherals. Internally, the SCT supports 13 captures/matches, 13 events and 13
states.
32-bit Real-time clock (RTC) with 1 s resolution running in the always-on power
domain. A timer in the RTC can be used for wake-up from all low power modes
including deep power-down, with 1 ms resolution.
Multiple-channel multi-rate 24-bit timer (MRT) for repetitive interrupt generation at
up to four programmable, fixed rates.
Windowed Watchdog Timer (WWDT).
Ultra-low power Micro-tick Timer, running from the Watchdog oscillator, that can be
used to wake up the device from low power modes.
Repetitive Interrupt Timer (RIT) for debug time-stamping and general-purpose use.
Analog peripheral: 12-bit, 12-channel, Analog-to-Digital Converter (ADC) supporting
5.0 Msamples/s. The ADC supports two independent conversion sequences.
Clock generation:
12 MHz internal RC oscillator.
External clock input for clock frequencies of up to 25 MHz.
Internal low-power, watchdog oscillator (WDOSC) with a nominal frequency of 500
kHz.
32 kHz low-power RTC oscillator.
System PLL allows CPU operation up to the maximum CPU rate. May be run from
the internal RC oscillator, the external clock input CLKIN, or the RTC oscillator.
Clock output function for monitoring internal clocks.
Frequency measurement unit for measuring the frequency of any on-chip or
off-chip clock signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com