Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC5410X Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 28Page - NXP Semiconductors LPC5410X Datasheet HTML 29Page - NXP Semiconductors LPC5410X Datasheet HTML 30Page - NXP Semiconductors LPC5410X Datasheet HTML 31Page - NXP Semiconductors LPC5410X Datasheet HTML 32Page - NXP Semiconductors LPC5410X Datasheet HTML 33Page - NXP Semiconductors LPC5410X Datasheet HTML 34Page - NXP Semiconductors LPC5410X Datasheet HTML 35Page - NXP Semiconductors LPC5410X Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
32 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
7.18.6.1 Features
• 48-bit counter running from the main clock. Counter can be free-running or be reset
by a generated interrupt.
• 48-bit compare value.
• 48-bit compare mask. An interrupt is generated when the counter value equals the
compare value, after masking. This allows for combinations not possible with a simple
compare.
7.18.7 Micro-tick timer (UTICK)
The ultra-low power Micro-tick Timer, running from the Watchdog oscillator, can be used
to wake up the device from low power modes.
7.18.7.1 Features
• Ultra simple timer.
• Write once to start.
• Interrupt or software polling.
7.19 12-bit Analog-to-Digital Converter (ADC)
The ADC supports a resolution of 12-bit and fast conversion rates of up to 5.0
Msamples/s. Sequences of analog-to-digital conversions can be triggered by multiple
sources. Possible trigger sources are the SCT, external pins, and the ARM TXEV
interrupt.
The ADC supports a variable clocking scheme with clocking synchronous to the system
clock or independent, asynchronous clocking for high-speed conversions
The ADC includes a hardware threshold compare function with zero-crossing detection.
The threshold crossing interrupt is connected internally to the SCT inputs for tight timing
control between the ADC and the SCT.
7.19.1 Features
• 12-bit successive approximation analog to digital converter.
• Input multiplexing among up to 12 pins.
• Two configurable conversion sequences with independent triggers.
• Optional automatic high/low threshold comparison and “zero crossing” detection.
• Measurement range VREFN to VREFP (typically 3 V; not to exceed VDDA voltage
level).
• 12-bit conversion rate of 5.0 MHz. Options for reduced resolution at higher conversion
rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com