Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC5410X Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 6Page - NXP Semiconductors LPC5410X Datasheet HTML 7Page - NXP Semiconductors LPC5410X Datasheet HTML 8Page - NXP Semiconductors LPC5410X Datasheet HTML 9Page - NXP Semiconductors LPC5410X Datasheet HTML 10Page - NXP Semiconductors LPC5410X Datasheet HTML 11Page - NXP Semiconductors LPC5410X Datasheet HTML 12Page - NXP Semiconductors LPC5410X Datasheet HTML 13Page - NXP Semiconductors LPC5410X Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
10 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
6.2 Pin description
On the LPC5410x, digital pins are grouped into two ports. Each digital pin may support up
to four different digital functions and one analog function, including General Purpose I/O
(GPIO).
Table 4.
Pin description
Symbol
Description
PIO0_0
A6 31 [2] PU I/O PIO0_0 — General-purpose digital input/output pin.
Remark: In ISP mode, this pin is the UART0 RXD function.
I
U0_RXD — Receiver input for USART0.
I/O SPI0_SSEL0 — Slave Select 0 for SPI0.
I
CT32B0_CAP0 — 32-bit CT32B0 capture input 0.
I
R — Reserved.
O
SCT0_OUT3 — SCT0 output 3. PWM output 3.
PIO0_1
B6 32 [2] PU I/O PIO0_1 — General-purpose digital input/output pin.
Remark: In ISP mode, this pin is the UART0 TXD function.
O
U0_TXD — Transmitter output for USART0.
I/O SPI0_SSEL1 — Slave Select 1 for SPI0.
I
CT32B0_CAP1 — 32-bit CT32B0 capture input 1.
I
R — Reserved.
O
SCT0_OUT1 — SCT0 output 1. PWM output 1.
PIO0_2
-
36 [2] PU I/O PIO0_2 — General-purpose digital input/output pin.
I
U0_CTS — Clear To Send input for USART0.
I
R — Reserved.
I
CT32B2_CAP1 — 32-bit CT32B2 capture input 1.
I
R — Reserved.
PIO0_3
-
37 [2] PU I/O PIO0_3 — General-purpose digital input/output pin.
O
U0_RTS — Request To Send output for USART0.
I
R — Reserved.
O
CT32B1_MAT3 — 32-bit CT32B1 match output 3.
I
R — Reserved.
PIO0_4
C7 38 [2] PU I/O PIO0_4 — General-purpose digital input/output pin.
I/O U0_SCLK — USART0 clock in synchronous USART mode.
I/O SPI0_SSEL2 — Slave Select 2 for SPI0.
I
CT32B0_CAP2 — 32-bit CT32B0 capture input 2.
I
R — Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com