Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC5410X Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 9Page - NXP Semiconductors LPC5410X Datasheet HTML 10Page - NXP Semiconductors LPC5410X Datasheet HTML 11Page - NXP Semiconductors LPC5410X Datasheet HTML 12Page - NXP Semiconductors LPC5410X Datasheet HTML 13Page - NXP Semiconductors LPC5410X Datasheet HTML 14Page - NXP Semiconductors LPC5410X Datasheet HTML 15Page - NXP Semiconductors LPC5410X Datasheet HTML 16Page - NXP Semiconductors LPC5410X Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
13 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
PIO0_18/TRST G4 58 [2] PU I/O PIO0_18 — General-purpose digital input/output pin. In boundary scan mode:
TRST (Test Reset).
O
U3_TXD — Transmitter output for USART3.
O
SCT0_OUT0 — SCT0 output 0. PWM output 0.
O
CT32B0_MAT0 — 32-bit CT32B0 match output 0.
I
R — Reserved.
PIO0_19/TDI
G3 59 [2] PU I/O PIO0_19 — General-purpose digital input/output pin. In boundary scan mode: TDI
(Test Data In).
I/O U3_SCLK — USART3 clock in synchronous USART mode.
O
SCT0_OUT1 — SCT0 output 1. PWM output 1.
O
CT32B0_MAT1 — 32-bit CT32B0 match output 1.
I
R — Reserved.
PIO0_20/TMS
F3 60 [2] PU I/O PIO0_20 — General-purpose digital input/output pin. In boundary scan mode: TMS
(Test Mode Select).
I
U3_RXD — Receiver input for USART3.
I/O U0_SCLK — USART0 clock in synchronous USART mode.
I
CT32B3_CAP0 — 32-bit CT32B3 capture input 0.
I
R — Reserved.
PIO0_21
E3 61 [2] PU I/O PIO0_21 — General-purpose digital input/output pin.
O
CLKOUT — Clock output pin.
O
U0_TXD — Transmitter output for USART0.
O
CT32B3_MAT0 — 32-bit CT32B3 match output 0.
I
R — Reserved.
PIO0_22
G2 63 [2] PU I/O PIO0_22 — General-purpose digital input/output pin.
I
CLKIN — Clock input.
I
U0_RXD — Receiver input for USART0.
O
CT32B3_MAT3 — 32-bit CT32B3 match output 3.
I
R — Reserved.
PIO0_23
F2 1
[3] Z
I/O PIO0_23 — General-purpose digital input/output pin.
I/O I2C0_SCL — I2C0 clock input/output.
I
R — Reserved.
I
CT32B0_CAP0 — 32-bit CT32B0 capture input 0.
I
R — Reserved.
Table 4.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com