Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC5410X Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 60Page - NXP Semiconductors LPC5410X Datasheet HTML 61Page - NXP Semiconductors LPC5410X Datasheet HTML 62Page - NXP Semiconductors LPC5410X Datasheet HTML 63Page - NXP Semiconductors LPC5410X Datasheet HTML 64Page - NXP Semiconductors LPC5410X Datasheet HTML 65Page - NXP Semiconductors LPC5410X Datasheet HTML 66Page - NXP Semiconductors LPC5410X Datasheet HTML 67Page - NXP Semiconductors LPC5410X Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
64 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
11.10 SPI interfaces
The actual SPI bit rate depends on the delays introduced by the external trace, the
external device, system clock (CCLK), and capacitive loading. Excluding delays
introduced by external device and PCB, the maximum supported bit rate for SPI master
mode is 48 Mbit/s, and the maximum supported bit rate for SPI slave mode is 21 Mbit/s.
Table 27.
SPI dynamic characteristics[1]
Tamb = 40 C to 105 C; CL = 30 pF balanced loading on all pins; SLEW = standard mode. Parameters sampled at the 50 %
level of the rising or falling edge.
Symbol
Parameter
Conditions
Min
Max
Unit
SPI master 1.62V
 VDD  2.0 V
tDS
data set-up time
CCLK = 1 MHz to 12 MHz
0
-
ns
CCLK = 48 MHz to 60 MHz
0
-
ns
CCLK = 96 MHz
0
-
ns
tDH
data hold time
CCLK = 1 MHz to 12 MHz
14
-
ns
CCLK = 48 MHz to 60 MHz
12
-
ns
CCLK = 96 MHz
9
-
ns
tv(Q)
data output valid time
CCLK = 1 MHz to 12 MHz
0
7
ns
CCLK = 48 MHz to 60 MHz
0
2
ns
CCLK = 96 MHz
0
2
ns
SPI slave 1.62V
 VDD  2.0 V
tDS
data set-up time
CCLK = 1 MHz to 12 MHz
22
-
ns
CCLK = 48 MHz to 60 MHz
4
-
ns
CCLK = 96 MHz
4
-
ns
tDH
data hold time
CCLK = 1 MHz to 12 MHz
0
-
ns
CCLK = 48 MHz to 60 MHz
0
-
ns
CCLK = 96 MHz
0
-
ns
tv(Q)
data output valid time
CCLK = 1 MHz to 12 MHz
46
70
ns
CCLK = 48 MHz to 60 MHz
30
37
ns
CCLK = 96 MHz
30
36
ns
SPI master 2.7 V
 VDD  3.6 V
tDS
data set-up time
CCLK = 1 MHz to 12 MHz
0
-
ns
CCLK = 48 MHz to 60 MHz
0
-
ns
CCLK = 96 MHz
0
-
ns
tDH
data hold time
CCLK = 1 MHz to 12 MHz
10
-
ns
CCLK = 48 MHz to 60 MHz
8
-
ns
CCLK = 96 MHz
7
-
ns
tv(Q)
data output valid time
CCLK = 1 MHz to 12 MHz
0
6
ns
CCLK = 48 MHz to 60 MHz
0
1
ns
CCLK = 96 MHz
0
1
ns
SPI slave 2.7V
 VDD  3.6 V
tDS
data set-up time
CCLK = 1 MHz to 12 MHz
21
-
ns
CCLK = 48 MHz to 60 MHz
4
-
ns
CCLK = 96 MHz
3
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com