Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC5410X Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 39Page - NXP Semiconductors LPC5410X Datasheet HTML 40Page - NXP Semiconductors LPC5410X Datasheet HTML 41Page - NXP Semiconductors LPC5410X Datasheet HTML 42Page - NXP Semiconductors LPC5410X Datasheet HTML 43Page - NXP Semiconductors LPC5410X Datasheet HTML 44Page - NXP Semiconductors LPC5410X Datasheet HTML 45Page - NXP Semiconductors LPC5410X Datasheet HTML 46Page - NXP Semiconductors LPC5410X Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
43 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
10.3 Power consumption
Power measurements in Active, sleep, deep sleep, and power down modes were
performed under the following conditions:
• Configure all pins as GPIO with pull-up resistor disabled in the IOCON block.
• Configure GPIO pins as outputs using the GPIO DIR register.
• Write 1 to the GPIO CLR register to drive the outputs LOW.
• All peripherals disabled.
Table 11.
Static characteristics: Power consumption in active and sleep modes
Tamb = 40 C to +105 C, unless otherwise specified.1.62 V  VDD  3.6 V.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit
ARM Cortex-M0+ in active mode; ARM Cortex-M4 in sleep mode
IDD
supply current
CoreMark code executed from
SRAM; flash powered down
CCLK = 12 MHz
[2][4][6]
-
1.2
-
mA
CCLK = 48 MHz
[3][4][6]
-
3.0
-
mA
CCLK = 84 MHz
[3][4][6]
-
4.5
-
mA
CCLK = 100 MHz
[3][4][6]
-
5.5
-
mA
CCLK = 150 MHz
[3][4][6]
-11.0
-mA
IDD
supply current
CoreMark code executed from flash;
CCLK = 12 MHz; 1 system clock
flash access time.
[2][4][6]
-
1.5
-
mA
CCLK = 48 MHz; 3 system clock
flash access time.
[3][4][6]
-
3.6
-
mA
CCLK = 84 MHz; 6 system clock
flash access time.
[3][4][6]
-
5.4
-
mA
CCLK = 100 MHz; 7 system clock
flash access time.
[3][4][6]
-
6.6
-
mA
CCLK = 150 MHz; 7 system clock
flash access time.
[3][4][6]
-
14.0
-
mA
IDD
supply current
Calculating Fibonacci numbers
executed from flash;
CCLK = 12 MHz
[2][4][5]
-
1.5
-
mA
CCLK = 84 MHz
[3][4][5]
-
6.2
-
mA
CCLK = 96 MHz
[3][4][5]
-
7.2
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com