Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC5410X Datasheet(PDF) 90 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 86Page - NXP Semiconductors LPC5410X Datasheet HTML 87Page - NXP Semiconductors LPC5410X Datasheet HTML 88Page - NXP Semiconductors LPC5410X Datasheet HTML 89Page - NXP Semiconductors LPC5410X Datasheet HTML 90Page - NXP Semiconductors LPC5410X Datasheet HTML 91Page - NXP Semiconductors LPC5410X Datasheet HTML 92Page - NXP Semiconductors LPC5410X Datasheet HTML 93Page - NXP Semiconductors LPC5410X Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
90 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
Modification:
• Updated Section 11.6 “IRC”, Table 23 “Dynamic characteristic: IRC oscillator” for IRC
frequency tolerance improvement over temperature.
• Added boot code version and device revision. See Section 4 “Marking”.
• Added the abbreviation ISP to the Remark: This pin is also used to force In-System
Programming mode (ISP) after device reset. See the LPC5410x User Manual (Boot Process
chapter) for details to PIO0_31. See Table 4 “Pin description”.
• Removed 164 uA PLL spec in peripheral power consumption table, Table 15 “Typical
AHB/APB peripheral power consumption[3][4][5]”.
• Added Table 21 “PLL lock times and current”.
• Updated Figure 10 “Deep sleep mode: Typical supply current IDD versus temperature for
different supply voltages VDD”, Figure 11 “Power down mode: Typical supply current IDD
versus temperature for different supply voltages VDD”, and Figure 12 “Deep power-down
mode: Typical supply current IDD versus temperature for different supply voltages VDD”.
• Updated Table 12 “Static characteristics: Power consumption in deep sleep, power down,
and deep power-down modes”: added max values to Deep sleep mode at 25 °C and 105 °C,
Power down mode at 25 °C and 105 °C. Changed typ and max values for Deep power-down
mode RTC oscillator input grounded (RTC oscillator disabled) at 25 °C; was: typ = 84 nA,
max = 240 nA; now: typ = 160 nA, max = 340 nA.
• Updated Table 13 “Static characteristics: Power consumption in deep sleep, power down,
and deep power-down modes”: added max values to Deep sleep mode at 25 °C and 105 °C,
Power down mode at 25 °C and 105 °C. Changed typ and max values for Deep power-down
mode RTC oscillator input grounded (RTC oscillator disabled) at 25 °C; was: typ = 135 nA,
max = 470 nA; now: typ = 200 nA, max = 570 nA.
• Updated Table 7 “Limiting values”; VESD, electrostatic discharge voltage, human body
model; all pins value to 4000 V; was 5000 V.
• Updated Table 31 “12-bit ADC static characteristics”: ED differential linearity error, VDDA =
VREFP = 1.62 V and 3.6 V, typ value
3 and 2; EL(adj) integral non-linearity, VDDA =
VREFP = 1.62 V, typ value
5; Verr(FS) full-scale error voltage VDDA = VREFP = 1.62 V and
3.6 V, typ value to
3
LPC5410x v2.1
20150701
Product data sheet
-
LPC5410x v2.0
Modification:
• Updated Figure 3 “LPC5410x Block diagram”. Corrected Sync APB bridge to Async APB
bridge.
• Updated external clock input for clock frequencies of up to 24 MHz to 25 MHz in Section 2
“Features and benefits”.
• Updated Table 12 “Static characteristics: Power consumption in deep sleep, power down,
and deep power-down modes”. Fixed the unit of the max value from nA to
A for IDD in deep
power-down mode; RTC oscillator input grounded (RTC oscillator disabled), Tamb = 105 C.
Table 36.
Revision history …continued
Document ID
Release date Data sheet status
Change notice Supersedes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com