Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC5410X Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 53Page - NXP Semiconductors LPC5410X Datasheet HTML 54Page - NXP Semiconductors LPC5410X Datasheet HTML 55Page - NXP Semiconductors LPC5410X Datasheet HTML 56Page - NXP Semiconductors LPC5410X Datasheet HTML 57Page - NXP Semiconductors LPC5410X Datasheet HTML 58Page - NXP Semiconductors LPC5410X Datasheet HTML 59Page - NXP Semiconductors LPC5410X Datasheet HTML 60Page - NXP Semiconductors LPC5410X Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
57 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
11. Dynamic characteristics
11.1 Power-up ramp conditions
[1]
See Figure 19.
[2]
Based on simulation. The wait time specifies the time the power supply must be at levels below 200 mV
before ramping up.
[3]
Based on characterization, not tested in production.
11.2 Flash memory
Table 17.
Power-up characteristics
Tamb = 40 C to +105 C; 1.62 V  VDD  3.6 V
Symbol Parameter
Conditions
Min
Typ
Max
Unit
tr
rise time
at t = t1: 0 < VI 200 mV
[1][3] 0
-
500
ms
twait
wait time
[1][2] 12
-
-
s
VI
input voltage
at t = t1 on pin VDD
[3] 0
-
200
mV
Condition: 0 < VI 200 mV at start of power-up (t = t1)
Fig 19. Power-up ramp
VDD
0
200 mV
tr
twait
t = t1
aaa-017426
Table 18.
Flash characteristics
Tamb = 40 C to +105 C, unless otherwise specified. 1.62 V  VDD  3.6 V
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Nendu
endurance
sector erase/program
[1] 10000
-
-
cycles
page erase/program; page
in a sector
1000
-
-
cycles
tret
retention time powered
10
-
-
years
unpowered
10
-
-
years
ter
erase time
page, sector, or multiple
consecutive sectors
-
100
-
ms
tprog
programming
time
[2] -1
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com