Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC5410X Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC5410X Datasheet HTML 45Page - NXP Semiconductors LPC5410X Datasheet HTML 46Page - NXP Semiconductors LPC5410X Datasheet HTML 47Page - NXP Semiconductors LPC5410X Datasheet HTML 48Page - NXP Semiconductors LPC5410X Datasheet HTML 49Page - NXP Semiconductors LPC5410X Datasheet HTML 50Page - NXP Semiconductors LPC5410X Datasheet HTML 51Page - NXP Semiconductors LPC5410X Datasheet HTML 52Page - NXP Semiconductors LPC5410X Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
49 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
[1]
The supply current per peripheral is measured as the difference in supply current between the peripheral
block enabled and the peripheral block disabled using PDRUNCFG register. All other blocks are disabled
and no code accessing the peripheral is executed.
[2]
The supply currents are shown for system clock frequencies of 12 MHz.
[3]
Typical ratings are not guaranteed. Characterized through bench measurements using typical samples.
RTC disabled (RTC oscillator input grounded)
Fig 12. Deep power-down mode: Typical supply current IDD versus temperature for
different supply voltages VDD
Table 14.
Typical peripheral power consumption[1][2][3]
VDD = 3.3 V; Tamb = 25 °C
Peripheral
IDD in uA
IRC
262
WDT OSC
2.0
Flash
200.0
BOD
2.0
CLKOUT
37
Table 15.
Typical AHB/APB peripheral power consumption[3][4][5]
VDD = 3.3 V; T = 25 °C
Peripheral
IDD in A
IDD in A/MHz
IDD in A/MHz
AHB peripheral
CPU: 12 MHz, sync APB
bus: 12 MHz
CPU: 96MHz, sync APB bus:
96 MHz
GPIO0
[1]
-
0.50
0.7
GPIO1
[1]
-
0.42
0.52
DMA
-
5.0
6.86
CRC
-
0.42
0.50
MAILBOX
-
0.17
0.20
ADC0
-
2.25
2.92
SCTimer/PWM
-
5.08
7.07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com