Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC5410X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 2 Page - NXP Semiconductors

  LPC5410X Datasheet HTML 1Page - NXP Semiconductors LPC5410X Datasheet HTML 2Page - NXP Semiconductors LPC5410X Datasheet HTML 3Page - NXP Semiconductors LPC5410X Datasheet HTML 4Page - NXP Semiconductors LPC5410X Datasheet HTML 5Page - NXP Semiconductors LPC5410X Datasheet HTML 6Page - NXP Semiconductors LPC5410X Datasheet HTML 7Page - NXP Semiconductors LPC5410X Datasheet HTML 8Page - NXP Semiconductors LPC5410X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 95 page
background image
LPC5410x
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.11 — 19 September 2019
2 of 95
NXP Semiconductors
LPC5410x
32-bit ARM Cortex-M4/M0+ microcontroller
2. Features and benefits
Dual processor cores: ARM Cortex-M4 and ARM Cortex-M0+. The M0+ core runs at
the same frequency as the M4 core. Both cores operate up to a maximum frequency of
150 MHz.
ARM Cortex-M4 core (version r0p1):
ARM Cortex-M4 processor, running at a frequency of up to 150 MHz, using the
same clock as the Cortex-M4.
Floating Point Unit (FPU) and Memory Protection Unit (MPU).
ARM Cortex-M4 built-in Nested Vectored Interrupt Controller (NVIC).
Non-maskable Interrupt (NMI) input with a selection of sources.
Serial Wire Debug with eight breakpoints and four watch points.
Includes Serial Wire Output for enhanced debug capabilities.
System tick timer.
ARM Cortex-M0+ core (version r0p1):
ARM Cortex-M0+ processor, running at a frequency of up to 100 MHz.
ARM Cortex-M0+ built-in Nested Vectored Interrupt Controller (NVIC).
Non-maskable Interrupt (NMI) input with a selection of sources.
Serial Wire Debug with four breakpoints and two watch points.
System tick timer.
On-chip memory:
Up to 512 kB on-chip flash program memory with flash accelerator and 256 byte
page erase and write.
104 kB total SRAM composed of:
Up to 96 kB contiguous main SRAM.
An additional 8 kB SRAM.
ROM API support:
Flash In-Application Programming (IAP) and In-System Programming (ISP).
Power control API.
Serial interfaces:
Four USART interfaces with synchronous mode and 32 kHz mode for wake-up
from deep sleep and power down modes. The USARTs have FIFO support from
the System FIFO and share a fractional baud-rate generator.
Two SPI interfaces, each with four slave selects and flexible data configuration.
The SPIs have FIFO support from the System FIFO. The slave function is able to
wake up the device from deep sleep and power down modes.
Three I2C-bus interfaces supporting fast mode and Fast-mode Plus with data rates
of up to 1Mbit/s and with multiple address recognition and monitor mode. Each
I2C-bus interface also supports High Speed Mode (3.4 Mbit/s) as a slave. The
slave function is able to wake up the device from deep sleep and power down
modes.
Digital peripherals:
DMA controller with 22 channels and 20 programmable triggers, able to access all
memories and DMA-capable peripherals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com