Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC5410X Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC5410X
Description  32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC5410X Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC5410X Datasheet HTML 1Page - NXP Semiconductors LPC5410X Datasheet HTML 2Page - NXP Semiconductors LPC5410X Datasheet HTML 3Page - NXP Semiconductors LPC5410X Datasheet HTML 4Page - NXP Semiconductors LPC5410X Datasheet HTML 5Page - NXP Semiconductors LPC5410X Datasheet HTML 6Page - NXP Semiconductors LPC5410X Datasheet HTML 7Page - NXP Semiconductors LPC5410X Datasheet HTML 8Page - NXP Semiconductors LPC5410X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
1. General description
The LPC5410x are ARM Cortex-M4 based microcontrollers for embedded applications.
These devices include:
• Optional ARM Cortex-M0+ coprocessor.
• 104 kB of on-chip SRAM.
• Up to 512 kB on-chip flash.
• State-Configurable Timer with PWM capabilities (SCTimer/PWM).
• RTC/alarm timer.
• 24-bit Multi-Rate Timer (MRT).
• 12-bit 5.0 Msamples/sec ADC.
• Repetitive Interrupt Timer (RIT).
• Windowed Watchdog Timer (WWDT).
• Two SPIs.
• Three Fast-mode plus I2C-bus interfaces with high-speed slave mode.
• Four USARTs.
• Five general-purpose timers.
The ARM Cortex-M4 is a 32-bit core that offers system enhancements such as low power
consumption, enhanced debug features, and a high level of support block integration. The
ARM Cortex-M4 CPU incorporates a 3-stage pipeline, uses a Harvard architecture with
separate local instruction and data buses as well as a third bus for peripherals, and
includes an internal prefetch unit that supports speculative branching. The ARM
Cortex-M4 supports single-cycle digital signal processing and SIMD instructions. A
hardware floating-point unit is integrated in the core.
The ARM Cortex-M0+ coprocessor is an energy-efficient and easy-to-use 32-bit core
which is code and tool-compatible with the Cortex-M4 core. The Cortex-M0+ coprocessor
offers up to 150 MHz performance with a simple instruction set and reduced code size. In
LPC5410x, the Cortex-M0 coprocessor hardware multiply is implemented as a 32-cycle
iterative multiplier.
LPC5410x
32-bit ARM Cortex-M4/M0+ MCU; 104 kB SRAM; 512 kB flash,
3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers,
SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.11 — 19 September 2019
Product data sheet


Similar Part No. - LPC5410X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC54101J256BD64QL NXP-LPC54101J256BD64QL Datasheet
1Mb / 90P
32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC54101J512BD64QL NXP-LPC54101J512BD64QL Datasheet
1Mb / 90P
32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC54101J512UK49Z NXP-LPC54101J512UK49Z Datasheet
1Mb / 90P
32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC54102 NXP-LPC54102 Datasheet
1Mb / 2P
based Application-in-a-box Sensor
LPC54102J256BD64QL NXP-LPC54102J256BD64QL Datasheet
1Mb / 90P
32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
More results

Similar Description - LPC5410X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC54101J256BD64QL NXP-LPC54101J256BD64QL Datasheet
1Mb / 90P
32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC54101J512BD64QL NXP-LPC54101J512BD64QL Datasheet
1Mb / 90P
32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC54101J512UK49Z NXP-LPC54101J512UK49Z Datasheet
1Mb / 90P
32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC54102J256BD64QL NXP-LPC54102J256BD64QL Datasheet
1Mb / 90P
32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC54102J512BD64QL NXP-LPC54102J512BD64QL Datasheet
1Mb / 90P
32-bit ARM Cortex-M4/M0 MCU; 104 kB SRAM; 512 kB flash, 3 x I2C, 2 x SPI, 4 x USART, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC
Rev. 2.6-3 October 2016
LPC51U68 NXP-LPC51U68 Datasheet
2Mb / 93P
32-bit ARM Cortex-M0 MCU; 96 KB SRAM; 256 KB flash, Crystal-less USB operation, Flexcomm Interface, 32-bit counter/ timers, SCTimer/PWM, 12-bit 5.0 Msamples/sec ADC, Temperature sensor
Rev. 1.3-18 May 2018
LPC111XLV NXP-LPC111XLV Datasheet
1Mb / 53P
32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012
LPC112X NXP-LPC112X Datasheet
1Mb / 63P
32-bit ARM Cortex-M0 microcontroller; 64 kB flash and 8 kB SRAM; 12-bit ADC
Rev. 1-24 February 2015
logo
STMicroelectronics
STM32C031X4 STMICROELECTRONICS-STM32C031X4 Datasheet
2Mb / 108P
Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 12 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
Rev 3 December 2022
STM32C011X4 STMICROELECTRONICS-STM32C011X4 Datasheet
1Mb / 94P
Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
December 2022 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com